Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6209A301DR-G Datasheet(PDF) 8 Page - Torex Semiconductor

No. de pieza XC6209A301DR-G
Descripción Electrónicos  High Speed LDO Regulators Low ESR Cap.Compatible,Output ON/OFFControl
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6209A301DR-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6209A301DR-G Datasheet HTML 4Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 5Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 6Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 7Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 8Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 9Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 10Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 11Page - Torex Semiconductor XC6209A301DR-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/30
XC6209 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage (2%)(*5)
VOUT(E)(*3)
IOUT=30mA
VOUT(T)(*2)x0.98
VOUT(T)(*2)
VOUT(T)(*2)x1.02
V
Output Voltage (1%)(*6)
VOUT(T)(*2)x0.99
VOUT(T)(*2)x1.01
Maximum Output Current
IOUTMAX
VIN=E-3(*7)
E-4
-
-
mA
Load Regulation
VOUT
1mA< IOUT <100mA
-
15
50
mV
Load Regulation 2
VOUT2
1mA< IOUT <300mA
-
-
100
mV
Dropout Voltage (*4)
Vdif1
IOUT=30mA
E-1
mV
Vdif2
IOUT=100mA
E-2
mV
Supply Current
(Type E)
IDD
VCE=VIN=VOUT(T)+1.0V
When VOUT≦0.95V, VCE=VIN=2.0V
-
28
55
μA
Supply Current
(Type F)
25
50
Stand-by Current
ISTB
VIN=VOUT(T)+1.0V, VCE=VSS
When VOUT≦0.95V, VCE=VIN=2.0V
-
0.01
0.10
μA
Line Regulation
VOUT/
(△VIN・VOUT)
VOUT(T)+1.0V≦VIN≦10V
When VOUT≦0.95V, 2.0V≦VIN≦10V
IOUT=30mA
VOUT≦1.75V, IOUT=10mA
-
0.01
0.20
/V
Input Voltage
VIN
-
2
-
10
V
-
Output Voltage
Temperature
Characteristics
VOUT/
(△Topr・VOUT)
IOUT=30mA
-40℃<Topr<85℃
-
100
-
ppm/℃
Power Supply
Rejection Ratio
PSRR
VIN={VOUT(T)+1.0}V+1.0Vp-pAC,
When VOUT<1.5V, VIN=2.5V+1.0Vp-pAC,
IOUT=50mA, f=10kHz
-
70
-
dB
Current Limit
Ilim
VIN=VOUT(T)+1.0V, VCE=VIN,
When VOUT<1.75V, VIN=VOUT(T)+2.0V
-
380
-
mA
Short Current
ISHORT
VIN= VOUT(T)+1.0V, VCE=VIN,
When VOUT<1.75V, VIN=VOUT(T)+2.0V
-
50
-
mA
CE ”H” Level Voltage
VCEH
-
1.6
-
VIN
V
CE ”L” Level Voltage
VCEL
-
-
-
0.25
V
CE ”H” Level Current
(Type E)
ICEH
VIN=VCE=VOUT(T)+1.0V
When VOUT≦0.95V, VIN=VCE=2.0V
0.8
-
5.0
μA
CE ”H” Level Current
(Type F)
-0.1
-
0.1
CE ”L” Level Current
ICEL
VIN=VOUT(T)+1.0V, VCE=VSS
When VOUT≦0.95V, VIN=2.0V
-0.1
-
0.1
μA
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
XC6209 (Type E,F)
*1: Unless otherwise stated, VIN=VOUT(T)+1.0V. If VOUT is less than 0.95V, VIN= 2.0V.
*2: VOUT(T) is Nominal output voltage
*3: VOUT(E) is Effective output voltage
(I.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
*4: Vdif={VIN1-VOUT1}
VOUT1 is the voltage equal to 98% of the output voltage whenever an amply stabilized VOUT(T)+1.0V is input for every IOUT.
VIN1 is the input voltage when VOUT1 appears while input voltage is gradually decreased.
*5: If VOUT(T) is less than 1.45V, VOUT(T) -30mV (MIN.), VOUT(T) + 30mV (MAX.)
*6: Only for the VOUT(T) is more than 3.0V products.
*7: Please refer to the “Dropout Voltage” table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com