Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P097NF Datasheet(PDF) 4 Page - TT Electronics.

No. de pieza P097NF
Descripción Electrónicos  Panel Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TTELEC [TT Electronics.]
Página de inicio  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P097NF Datasheet(HTML) 4 Page - TT Electronics.

  P097NF Datasheet HTML 1Page - TT Electronics. P097NF Datasheet HTML 2Page - TT Electronics. P097NF Datasheet HTML 3Page - TT Electronics. P097NF Datasheet HTML 4Page - TT Electronics. P097NF Datasheet HTML 5Page - TT Electronics. P097NF Datasheet HTML 6Page - TT Electronics. P097NF Datasheet HTML 7Page - TT Electronics. P097NF Datasheet HTML 8Page - TT Electronics. P097NF Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Panel Potentiometer
Model P09x Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 4
Note 1: Shaft type and Length
Shaft Types: P09xN, P09xS, P09x5N, P09xT
Shaft Types: P09xP (Push-Lock)
Shaft Types: P09xM (Momentary Switch)
Shaft Types: P09xC (Concentric Shafts)



Html Pages

1 2 3 4 5 6 7 8 9 10