Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCU7 Datasheet(PDF) 117 Page - STMicroelectronics

No. de pieza STM32L433VCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 113Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 114Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 115Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 116Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 117Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 118Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 119Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 120Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 227 page
background image
Table 45. Current consumption in Stop 1 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
--
VDD
25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Stop 1)
Supply current
in Stop 1
mode,
RTC disabled
-
LCD
disabled
1.8 V
4.34
12.4
43.6
96.4
204
9.3
27.4
98.9
198.7
397.5
µA
2.4 V
4.35
12.5
43.8
97
205
9.4
27.6
99.5
199.0
398.0
3 V
4.41
12.6
44.1
97.7
207
9.5
27.8
100.3
200.4
400.8
3.6 V
4.56
12.9
44.8
98.9
210
9.7
28.3
101.7
202.1
404.2
-
LCD
enabled(2)
clocked by
LSI
1.8 V
4.68
12.7
43.9
96.7
204
9.1
27.2
99.1
198.9
397.7
2.4 V
4.7
12.8
44.2
97.3
205
9.7
27.7
99.9
199.5
399.0
3 V
4.88
12.6
44.5
98
206
10.2
28.4
101.0
200.9
401.8
3.6 V
5.1
13.4
45.3
99.6
270
10.6
29.2
102.7
203.2
406.4
IDD_ALL
(Stop 1 with
RTC)
Supply current
in stop 1
mode,
RTC enabled
RTC clocked by
LSI
LCD
disabled
1.8 V
4.63
12.7
43.9
96.8
205
9.9
28.0
99.5
198.9
397.8
µA
2.4 V
4.78
12.8
44.2
97.4
206
10.1
28.3
100.3
199.5
399.0
3 V
4.93
13
44.6
98.1
207
10.4
28.7
101.2
200.9
401.9
3.6 V
5.05
13.4
45.3
99.5
210
10.8
29.4
102.8
202.5
405.0
LCD
enabled(2)
1.8 V
4.82
12.9
44
96.8
204
10.2
28.4
99.9
199.6
399.1
2.4 V
4.93
13
44.3
97.4
205
10.4
28.7
100.7
200.3
400.6
3 V
5.05
12.7
44.7
98.1
206
10.7
29.2
101.7
201.8
403.6
3.6 V
5.31
13.7
45.6
99.9
210
11.1
29.8
103.4
202.9
405.8
RTC clocked by
LSE bypassed
at 32768 Hz
LCD
disabled
1.8 V
4.7
12.8
44
96.9
205
-
-
-
-
-
2.4 V
4.95
13
44.4
97.6
206
-
-
-
-
-
3 V
5.33
13.6
45.4
99.1
209
-
-
-
-
-
3.6 V
6.91
16.1
48.8
103
216
-
-
-
-
-
RTC clocked by
LSE quartz(3) in
low drive mode
LCD
disabled
1.8 V
4.76
12.3
43.7
99.1
-
-
-
-
-
-
2.4 V
4.95
12.4
43.8
99.3
-
-
-
-
-
-
3 V
5.1
12.6
44.1
99.6
-
-
-
-
-
-
3.6 V
5.65
13
44.8
101
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com