Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433VCU7 Datasheet(PDF) 120 Page - STMicroelectronics

No. de pieza STM32L433VCU7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433VCU7 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32L433VCU7 Datasheet HTML 116Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 117Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 118Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 119Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 120Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 121Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 122Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 123Page - STMicroelectronics STM32L433VCU7 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 227 page
background image
Table 47. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C 125 °C
IDD_ALL
(Standby)
Supply current
in Standby
mode (backup
registers
retained),
RTC disabled
no independent watchdog
1.8 V
27.7
144
758
2 072
5 425
119
425
2866
7524
20510
nA
2.4 V
50.9
187
892
2 408
6 247
183
564
3383
8778
23768
3 V
90.2
253
1 090
2 884
7 409
225
681
3912
10071 26976
3.6 V
253
459
1 474
3 575
8 836
292
877
4638
11659 30758
with independent
watchdog
1.8 V
216
-
-
-
-
-
-
-
-
-
2.4 V
342
-
-
-
-
-
-
-
-
-
3 V
416
-
-
-
-
-
-
-
-
-
3.6 V
551
-
-
-
-
-
-
-
-
-
IDD_ALL
(Standby
with RTC)
Supply current
in Standby
mode (backup
registers
retained),
RTC enabled
RTC clocked by LSI, no
independent watchdog
1.8 V
287
407
989
2 230
5 396
585
944
3344
7866
20504
nA
2.4 V
386
526
1 201
2 638
6 274
811
1230
4007
9246
23824
3 V
513
679
1 478
3 167
7 414
1022
1521
4683
10671 27124
3.6 V
771
978
1 963
3 992
9 039
1284
1924
5577
12383
30954
(2)
RTC clocked by LSI, with
independent watchdog
1.8 V
342
-
-
-
-
-
-
-
-
-
2.4 V
521
-
-
-
-
-
-
-
-
-
3 V
655
-
-
-
-
-
-
-
-
-
3.6 V
865
-
-
-
-
-
-
-
-
-
RTC clocked by LSE
bypassed at 32768Hz
1.8 V
142
126
865
2 220
5 650
-
-
-
-
-
nA
2.4 V
249
219
1 090
2 660
6 600
-
-
-
-
-
3 V
404
364
1 410
3 260
7 850
-
-
-
-
-
3.6 V
742
670
2 000
4 230
9 700
-
-
-
-
-
RTC clocked by LSE
quartz (3) in low drive mode
1.8 V
281
423
1 046
2 410
5 700
-
-
-
-
-
2.4 V
388
548
1 268
2 847
6 564
-
-
-
-
-
3 V
535
715
1 565
3 420
7 694
-
-
-
-
-
3.6 V
836
1 048 2 081
4 311
9 338
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com