Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 103 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 99Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 100Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 101Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 102Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 103Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 104Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 105Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 106Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 227 page
background image
Table 27. Current consumption in Run modes, code with data processing running from flash,
ART enable (Cache ON Prefetch OFF) and power supplied by external SMPS
(VDD12 = 1.10 V)
Symbol
Parameter
Conditions(1)
TYP
Unit
-fHCLK
25 °C 55 °C
85 °C
105 °C 125 °C
IDD_ALL(Run)
Supply current in Run
mode
fHCLK = fHSE up to 48MHz included, bypass mode
PLL ON above
48 MHz all peripherals disable
80 MHz
3.07
3.08
3.11
3.14
3.21
mA
72 MHz
2.77
2.78
2.80
2.84
2.90
64 MHz
2.47
2.48
2.51
2.54
2.60
48 MHz
1.84
1.85
1.88
1.91
1.97
32 MHz
1.24
1.25
1.28
1.31
1.37
24 MHz
0.95
0.95
0.97
1.00
1.06
16 MHz
0.65
0.65
0.67
0.70
0.76
8 MHz
0.35
0.35
0.38
0.41
0.47
4 MHz
0.20
0.20
0.22
0.25
0.31
2 MHz
0.13
0.13
0.15
0.18
0.24
1 MHz
0.09
0.09
0.11
0.14
0.20
100 kHz
0.05
0.06
0.07
0.10
0.16
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%,
VDD12 = 1.10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com