Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 104 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 100Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 101Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 102Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 103Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 104Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 105Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 106Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 107Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 227 page
background image
Table 28. Current consumption in Run and Low-power run modes, code with data processing
running from flash, ART disable
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD_ALL
(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.66
2.68
2.73
2.81
2.96
3.0
3.1
3.2
3.3
3.6
mA
16 MHz
1.88
1.9
1.94
2.02
2.17
2.1
2.2
2.3
2.4
2.7
8 MHz
1.05
1.06
1.11
1.18
1.33
1.2
1.2
1.3
1.4
1.7
4 MHz
0.6
0.62
0.66
0.73
0.87
0.7
0.7
0.8
0.9
1.2
2 MHz
0.36
0.37
0.34
0.48
0.62
0.4
0.4
0.5
0.6
0.9
1 MHz
0.23
0.25
0.25
0.36
0.5
0.3
0.3
0.4
0.5
0.8
100 kHz
0.12
0.14
0.17
0.25
0.39
0.1
0.2
0.2
0.4
0.7
Range 1
80 MHz
8.56
8.61
8.69
8.79
8.97
9.6
9.7
9.8
10.0
10.3
72 MHz
7.74
7.79
7.86
7.96
8.14
8.7
8.7
8.8
9.0
9.4
64 MHz
7.63
7.68
7.75
7.85
8.04
8.6
8.6
8.7
8.9
9.3
48 MHz
6.36
6.4
6.48
6.58
6.76
7.2
7.3
7.4
7.6
7.9
32 MHz
4.56
4.6
4.66
4.76
4.93
5.2
5.2
5.3
5.5
5.8
24 MHz
3.45
3.48
3.54
3.64
3.8
3.9
4.0
4.1
4.2
4.6
16 MHz
2.48
2.51
2.56
2.65
2.82
2.8
2.9
3.0
3.1
3.5
IDD_ALL
(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI
all peripherals disable
2 MHz
310
317
364
440
593
375.3
400.9
456.7
595.3
909.6
µA
1 MHz
157
173
226
296
448
204.8
234.2
298.2
445.8
758.9
400 kHz
72.6
89
130
206
356
99.7
131.2
199.7
349.3
663.7
100 kHz
32.3
46
89.7
164
314
52.4
82.1
153.3
301.2
616.9
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com