Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 147 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 143Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 144Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 145Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 146Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 147Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 148Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 149Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 150Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 227 page
background image
DS11449 Rev 7
147/19
STM32L433xx
Electrical characteristics
194
6.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 70 are derived from tests
performed under the conditions summarized in Table 22: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant.
Note:
For information on GPIO configuration, refer to the application note AN4899 “STM32 GPIO
configuration for hardware settings and low-power consumption” available from the ST
website www.st.com.
Table 70. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low level
voltage
1.62 V<VDDIOx<3.6 V
-
-
0.3xVDDIOx (2)
V
I/O input low level
voltage
1.62 V<VDDIOx<3.6 V
-
-
0.39xVDDIOx-0.06 (3)
I/O input low level
voltage
1.08 V<VDDIOx<1.62 V
-
-
0.43xVDDIOx-0.1 (3)
VIH(1)
I/O input high level
voltage
1.62 V<VDDIOx<3.6 V
0.7xVDDIOx (2)
--
V
I/O input high level
voltage
1.62 V<VDDIOx<3.6 V
0.49xVDDIOX+0.26 (3)
--
I/O input high level
voltage
1.08 V<VDDIOx<1.62 V 0.61xVDDIOX+0.05 (3)
--
Vhys(3)
TT_xx, FT_xxx and
NRST I/O input
hysteresis
1.62 V<VDDIOx<3.6 V
-
200
-
mV
Ilkg(4)
FT_xx input leakage
current(3)(5)
VIN ≤
Max(VDDXXX)(6)(7)
--
±100
nA
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX)+1 V(6)(7)
-
-
650
Max(VDDXXX)+1 V <
VIN ≤ 5.5 V(6)(7)
-
-
200
FT_u and PC3 I/Os
VIN ≤
Max(VDDXXX)(6)(7)
--
±150
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX)+1 V(6)(7)
-
-
2500(3)
Max(VDDXXX)+1 V <
VIN ≤ 5.5 V(6)(7)
-
-
250
TT_xx input leakage
current
VIN ≤ Max(VDDXXX)(6)
--
±150
Max(VDDXXX) ≤ VIN <
3.6 V(6)
-
-
2000(3)
RPU
Weak pull-up
equivalent resistor (8)
VIN = VSS
25
40
55
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com