Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CCI7 Datasheet(PDF) 150 Page - STMicroelectronics

No. de pieza STM32L433CCI7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CCI7 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32L433CCI7 Datasheet HTML 146Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 147Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 148Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 149Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 150Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 151Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 152Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 153Page - STMicroelectronics STM32L433CCI7 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 227 page
background image
Electrical characteristics
STM32L433xx
150/19
DS11449 Rev 7
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 29 and
Table 72, respectively.
Unless otherwise specified, the parameters given are derived from tests performed under
the ambient temperature and supply voltage conditions summarized in Table 22: General
operating conditions.
5. Not applicable to PC13, PC14 and PC15.
Table 72. I/O AC characteristics(1)(2)
Speed Symbol
Parameter
Conditions
Min
Max
Unit
00
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
5
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
1
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
0.1
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
10
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
1.5
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
0.1
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
25
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
52
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
140
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
17
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
37
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
110
01
Fmax
Maximum frequency
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
25
MHz
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
10
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
1
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
50
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
15
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
1
Tr/Tf
Output rise and fall time
C=50 pF, 2.7 V≤VDDIOx≤3.6 V
-
9
ns
C=50 pF, 1.62 V≤VDDIOx≤2.7 V
-
16
C=50 pF, 1.08 V≤VDDIOx≤1.62 V
-
40
C=10 pF, 2.7 V≤VDDIOx≤3.6 V
-
4.5
C=10 pF, 1.62 V≤VDDIOx≤2.7 V
-
9
C=10 pF, 1.08 V≤VDDIOx≤1.62 V
-
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com