Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L433CBY7 Datasheet(PDF) 63 Page - STMicroelectronics

No. de pieza STM32L433CBY7
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L433CBY7 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L433CBY7 Datasheet HTML 59Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 60Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 61Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 62Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 63Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 64Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 65Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 66Page - STMicroelectronics STM32L433CBY7 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 227 page
background image
DS11449 Rev 7
63/227
STM32L433xx
Pinouts and pin description
89
6
6 D6 D7 6
6 D1 13
G1
PH1-
OSC_
OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
7
7 D5 D6 7
7 E1 14
H2
NRST
I/O
RST
-
-
-
-
-
-
D5 8
8 E3 15
H1
PC0
I/O FT_fla -
LPTIM1_IN1,
I2C3_SCL,
LPUART1_RX,
LCD_SEG18,
LPTIM2_IN1,
EVENTOUT
ADC1_IN1
-
-
-
E8 9
9 E2 16
J2
PC1
I/O FT_fla -
LPTIM1_OUT,
I2C3_SDA,
LPUART1_TX,
LCD_SEG19,
EVENTOUT
ADC1_IN2
--
-
E7 10 10 F2
17
J3
PC2
I/O
FT_la
-
LPTIM1_IN2,
SPI2_MISO,
LCD_SEG20,
EVENTOUT
ADC1_IN3
-
-
E6 E6 11 11 G1 18
K2
PC3
I/O
FT_a
-
LPTIM1_ETR,
SPI2_MOSI,
LCD_VLCD,
SAI1_SD_A,
LPTIM2_ETR,
EVENTOUT
ADC1_IN4
-
-
-
-
-
-
-
19
J1
VSSA
S
-
-
-
-
--
-
-
-
-
-
20
K1
VREF-
S
-
-
-
-
8
8 E7 F8 12 12 F1
-
-
VSSA/
VREF-
S-
-
-
-
-
-
-
-
-
-
-
21
L1
VREF+
S
-
-
-
VREFBUF_OUT
-
-
-
-
-
-
-
22
M1
VDDA
S
-
-
-
-
9
9 F7 G8 13 13 H1
-
-
VDDA/
VREF+
S-
-
-
-
10 10 F6 F7 14 14 G2 23
L2
PA0
I/O
FT_a
-
TIM2_CH1,
USART2_CTS,
COMP1_OUT,
SAI1_EXTCLK,
TIM2_ETR,
EVENTOUT
OPAMP1_VINP,
COMP1_INM,
ADC1_IN5,
RTC_TAMP2/
WKUP1
Table 15. STM32L433xx pin definitions (continued)
Pin Number
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More