| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L433RCT3 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433RCT3 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 227 page ![]() STM32L433xx 2/227 DS11449 Rev 7 –3x I2C FM+(1 Mbit/s), SMBus/PMBus – 4x USARTs (ISO 7816, LIN, IrDA, modem) – 1x LPUART (Stop 2 wake-up) – 3x SPIs (and 1x Quad SPI) – CAN (2.0B Active) and SDMMC interface – SWPMI single wire protocol master I/F – IRTIM (Infrared interface) • 14-channel DMA controller • True random number generator • CRC calculation unit, 96-bit unique ID • Development support: serial wire debug (SWD), JTAG, Embedded Trace Macrocell™ • All packages are ECOPACK2 compliant Table 1. Device summary Reference Part numbers STM32L433xx STM32L433CC, STM32L433RC, STM32L433VC, STM32L433CB, STM32L433RB |