| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L433VCU3P Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L433VCU3P Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 227 page ![]() DS11449 Rev 7 29/227 STM32L433xx Functional overview 55 Table 5. Functionalities depending on the working mode(1) Peripheral Run Sleep Low- power run Low- power sleep Stop 0/1 Stop 2 Standby Shutdown VBAT - - - - CPU Y - Y - - -- -- -- -- Flash memory (up to 256 KB) O(2) O(2) O(2) O(2) - -- -- -- -- SRAM1 (48 KB) Y Y(3) YY(3) Y -Y -- -- -- SRAM2 (16 KB) Y Y(3) YY(3) Y -Y -O(4) -- -- Quad SPI O O O O - -- -- -- -- Backup registers Y Y Y Y Y -Y -Y -Y -Y Brown-out reset (BOR) YY YY Y YY YY Y- -- Programmable voltage detector (PVD) O OOO O OO O- -- -- Peripheral voltage monitor (PVMx; x=1,3,4) O OOO O OO O- -- -- DMA O OOO - -- -- -- -- High speed Internal (HSI16) O OOO (5) - (5) -- -- -- Oscillator RC48 O O - - - -- -- -- -- High speed external (HSE) O OOO - -- -- -- -- Low speed internal (LSI) O OOO O -O -O -- -- Low speed external (LSE) O OOO O -O -O -O -O Multi-Speed internal (MSI) O OOO - -- -- -- -- Clock security system (CSS) O OOO - -- -- -- -- Clock security system on LSE O OOO O OO OO O- -- RTC / Auto wakeup O O O O O OO OO OO OO Number of RTC Tamper pins 33 33 3 O3 O3 O3 O3 LCD O OOO O OO O- -- -- |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |