Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM4876 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4876
Descripción Electrónicos  1.1W Audio Power Amplifier with Logic Low Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4876_03 Datasheet HTML 1Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 2Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 3Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 4Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 5Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 6Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 7Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 8Page - National Semiconductor (TI) LM4876_03 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 "Surface Mounting and their Effects on
Product Reliability" for other methods of
soldering surface mount devices.
θ
JC (typ) — MUB10A
56˚C/W
θ
JA (typ) — MUB10A
210˚C/W
θ
JC (typ) — M08A
35˚C/W
θ
JA (typ) — M08A
140˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.0V
≤ V
DD
≤ 5.5V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4876
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
6.5
10.0
mA (max)
I
SD
Shutdown Current
V
PIN1 = 0V
0.01
2
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
o
Output Power
THD = 0.5% (max);f=1 kHz;
R
L =8
1.10
1.0
W (min)
THD+N = 10%;f=1 kHz;
R
L =8
1.5
W
THD+N
Total Harmonic Distortion+Noise
P
o = 1 Wrms; AVD =2;20Hz
≤ f ≤
20 kHz; R
L =8
0.25
%
PSRR
Power Supply Rejection Ratio
V
DD = 4.9V to 5.1V
65
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions that
guarantee specific performance limits. This assumes that the device operates within the Operating Ratings. Specifications are not guaranteed for parameters where
no limit is given. The typical value, however, is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4876, TJMAX = 150˚C.
The typical junction-to-ambient thermal resistance is 140˚C/W for the M08A package and 210˚C/W for the MUB10A package.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Electrical Characteristics V
DD = 5/3.3/2.6V
Symbol
Parameter
Conditions
LM4876
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
IH
Shutdown Input Voltage High
1.2
V(min)
V
IL
Shutdown Input Voltage Low
0.4
V(max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com