Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM1237 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM1237
Descripción Electrónicos  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM1237 Datasheet HTML 29Page - National Semiconductor (TI) LM1237 Datasheet HTML 30Page - National Semiconductor (TI) LM1237 Datasheet HTML 31Page - National Semiconductor (TI) LM1237 Datasheet HTML 32Page - National Semiconductor (TI) LM1237 Datasheet HTML 33Page - National Semiconductor (TI) LM1237 Datasheet HTML 34Page - National Semiconductor (TI) LM1237 Datasheet HTML 35Page - National Semiconductor (TI) LM1237 Datasheet HTML 36Page - National Semiconductor (TI) LM1237 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Control Register Definitions (Continued)
Character Height Register
Register Name (address): CHARHTCTRL (0x8404)
20023439
Bits 7–0
This register determines the OSD character height as described in the section Constant Character Height
Mechanism. The values of this register is equal to the approximate number of OSD height compensated lines
required on the screen, divided by 4. This value is not exact due to the approximation used in scaling the
character.
Example: If approximately 324 OSD lines are required on the screen (regardless of the number of scan lines)
then the Character Height Control Register is programmed with 81 (0x51).
Enhanced Feature Register 1
Button Box Highlight Color
Register Name (addresses): BBHLCTRLB1 (0x8406) and BBHLCTRLB0 (0x8405)
20023440
Bits 8–0
These determine the button box highlight color.
Bits 15–9
Reserved. These bits should be set to zero.
Enhanced Feature Register 2
Button Box Lowlight Color
Register Names (addresses): BBLLCTRLB1 (0x8408) and BBLLCTRLB0 (0x8407)
20023441
Bits 8–0
These determine the button box lowlight color.
Bits 15–9
Reserved. These bits should be set to zero.
Enhanced Feature Register 3
Heavy Button Box Lowlight/Shading/Shadow
Register Names (addresses): CHSDWCTRLB1 (0x840A) and CHSDWCTRLB0 (0x8409)
20023442
Bits 8–0
These registers determine the heavy button box lowlight, shading or shadow color.
Bits 15–9
Reserved. These bits should be set to zero.
ROM Signature Control Register
Register Name (address): ROMSIGCTRL (0x840D)
20023443
Bit 0
This controls the calculation of the ROM signature. Setting this bit causes the ROM to be read sequentially
and a 16-bit checksum calculated over the 256 characters. The sum, modulo 65535, is stored in the ROM
Signature Data Register, and this bit is then automatically cleared.
Bits 7–1
Reserved. These should be set to zero.
ROM Signature Data Register
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com