| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD36-24-23PN-059 Datasheet(PDF) 46 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23PN-059 Datasheet(HTML) 46 Page - TE Connectivity Ltd |
|
46 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 46 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 5 sz. 16, 2 sz. 12, 2 sz. 8 Recept., HD30, 24 shell, 9 way, N seal, HDBox arrangement, cable clamp HD34-24-91PN-059 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Recept., HD30, 24 shell, 9 way, N seal, HDBox arrangement, adapter HD34-24-91PN-072 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HD30, 24 shell, 9 way, N seal, reverse HD36-24-9PN N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HD30, 24 shell, 9 way, N seal, reverse, cable clamp HD36-24-9PN-059 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HD30, 24 shell, 9 way, N seal, reverse, adapter HD36-24-9PN-072 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HD30, 24 shell, 9 way, N seal HD36-24-9SN N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HD30, 24 shell, 9 way, N seal, cable clamp HD36-24-9SN-059 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HD30, 24 shell, 9 way, N seal, adapter HD36-24-9SN-072 N/A HDB Series 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HDB30, 24 shell, 9 way, N seal, reverse, breakaway HDB36-24-9PN N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HDB30, 24 shell, 9 way, N seal, reverse, breakaway, cable clamp HDB36-24-9PN-059 N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HDB30, 24 shell, 9 way, N seal, breakaway HDB36-24-9SN N/A 6 sz. 12, 2 sz. 8 1 sz. 4 Plug, HDB30, 24 shell, 9 way, N seal, breakaway, cable clamp HDB36-24-9SN-059 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Plug, HDB30, 24 shell, 9 way, E seal, breakaway, HDBox arrangement, cavities 4 & 5 connected internally HDB36-24-91SE N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Plug, HDB30, 24 shell, 9 way, E seal, breakaway, HDBox arrangement, cavities 4 & 5 connected internally, cable clamp HDB36-24-91SE-059 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Plug, HDB30, 24 shell, 9 way, E seal, breakaway, HDBox arrangement, cavities 4 & 5 connected internally, adapter HDB36-24-91SE-072 N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Plug, HDB30, 24 shell, 9 way, N seal, breakaway, HDBox arrangement, cavities 4 & 5 connected internally HDB36-24-91SN N/A 5 sz. 16, 2 sz. 12, 2 sz. 8 Plug, HDB30, 24 shell, 9 way, N seal, breakaway, HDBox arrangement, cavities 4 & 5 connected internally, cable clamp HDB36-24-91SN-059 N/A HDP20 Series |