Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0FHM0200ZP Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0FHM0200ZP
Descripción Electrónicos  Fuse Holder for MINI, Low Profile MINI, or MICRO2 Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0FHM0200ZP Datasheet(HTML) 1 Page - Littelfuse

  0FHM0200ZP Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
1
© 2025 Littelfuse, Inc.
Specifications are subject to change without notice.
Rev: 091925
MINI® Add-A-Circuit® Series
Fuse Holder for MINI®, Low Profile MINI®,
or MICRO2® Fuses
Description
The MINI® Add-A-Circuit® Series Fuse Holder for MINI®,
Low Profile MINI®, or MICRO2® Fuses is designed to allow
easy installation of additional circuits without any cutting or
splicing, which is typically necessary to prevent voiding a
new vehicle warranty. The fuse tap turns a single fuse slot
into two slots so you can protect the new accessory circuit
as well as the existing circuit.
The MINI® Add-A-Circuit® fuse tap is available for MINI®,
Low Profile MINI®, and MICRO2® fuses. Available blister
packaged MINI® Add-A-Circuit® kits come with a set of
fuses (3A, 5A, 7.5A, and 10A) in the corresponding MINI®,
Low Profile MINI®, or MICRO2® fuse style.
Applications
• Add-On Accessory Circuits
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/MINI-AddACircuit
PART
NUMBER
DESCRIPTION
CURRENT
RATING MAX  FUSE TYPE
MOUNTING METHOD
MAX VOLTAGE
RATING
0FHM0200S
32V Fuse Holder for MINI® Fuses - UL-3266 (GPT)
Lead with Butt Splice Connectors - 20-Pack
10 Amps
MINI
In-Line Fuse Holder Blades /
Butt Splice Connector
32V
0FHM0200Z
32V Fuse Holder for MINI® Fuses - UL-3266 (GPT)
Lead with Butt Splice Connectors - Bulk
10 Amps
MINI
In-Line Fuse Holder Blades /
Butt Splice Connector
32V
0FHM0200ZP
32V Fuse Holder for MINI® Fuses - UL-3266 (GPT) Lead with
Butt Splice Connectors - Blister Packaged Kit with Fuses
10 Amps
MINI
In-Line Fuse Holder Blades /
Butt Splice Connector
32V
FHLM0200Z
58V Fuse Holder for Low Profile MINI® Fuses - UL 1015
Lead with Butt Splice Connectors - Bulk
10 Amps
LOW PROFILE
MINI
In-Line Fuse Holder Blades /
Butt Splice Connector
58V
FHLM0200ZPA 58V Fuse Holder for Low Profile MINI
®
Fuses - UL 1015 Lead
with Butt Slice Connectors - Blister Packaged Kit with Fuses
10 Amps
LOW PROFILE
MINI
In-Line Fuse Holder Blades /
Butt Splice Connector
58V
FHM20200Z
32V Fuse Holder for MICRO2® Fuses - GXL Lead
with Butt Splice Connectors - Bulk
10 Amps
MICRO2
Blade Type Mounting With Cable
And Butt Splice Connector
32V
FHM20200ZPA
32V Fuse Holder for MICRO2® Fuses - GXL Leads with Butt
Splice Connectors - Blister Packaged Kit with Fuses
10 Amps
MICRO2
Blade Type Mounting With Cable
And Butt Splice Connector
32V
Ordering Information
Features and Benefits
• Available for MINI®, Low Profile MINI®, and
MICRO2® fuses
• Turns one fuse slot into two to protect an additional
accessory circuit without cutting or splicing
• Available butt splice connectors allow easy wiring
• 16 AWG wire leads with red insulation
• UL 94 V-0 flammability rating
Specifications
Current Rating Continuous: 
7.5A
Current Rating Max: 
10A
Current Rating Max Terminal:  10A
Fuse Type: 
Low Profile MINI / MICRO2 Fuse / MINI
Flammability Rating:  
UL 94 V-0
Input Terminals: 
Butt Splice Connectors In Line
Mounting Method: 
In-Line Fuse Holder Blades / Butt Splice Connector
In-Line / Fuse Holder Blades
Output Terminals: 
Fuse Holder Blades
Max Voltage Rating: 
32V DC / 58V DC
Wire Description: 
125°C rated, UL-3266 (GPT) RED Wire,
Stranded Copper
UL 1015 Red Wire Withstand 105°C
GXL Red Wire Withstand125°C
Wire Size: 
16 AWG
FHM20200ZPA
0FHM0200Z


Número de pieza similar - 0FHM0200ZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
0FHM0200ZP LITTELFUSE-0FHM0200ZP Datasheet
419Kb / 1P
ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
0FHM0200ZP LITTELFUSE-0FHM0200ZP Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
More results

Descripción similar - 0FHM0200ZP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
281 LITTELFUSE-281 Datasheet
181Kb / 1P
Fuseholders - For MicroTM Fuse or Pico II Fuses
logo
Lineage Power Corporati...
0FHJ3003U LINEAGEPOWER-0FHJ3003U Datasheet
147Kb / 1P
Low Profile JCASE짰 Panel-Mount Fuse Holder
logo
List of Unclassifed Man...
441-0201-GR ETC1-441-0201-GR Datasheet
75Kb / 2P
Mini Fuse Holder
logo
Littelfuse
0FHJ1001 LITTELFUSE-0FHJ1001_15 Datasheet
1Mb / 2P
INLINE FUSE HOLDER FOR JCASE STYLE FUSES (Std. & LP)
0FHJ3003U LITTELFUSE-0FHJ3003U_12 Datasheet
102Kb / 1P
Low Profile JCASE Panel-Mount Fuse Holder
01530007LXN LITTELFUSE-01530007LXN Datasheet
264Kb / 2P
PCB MOUNT FUSE HOLDER FOR MINI STYLE BLADE FUSE
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
Automotive in-line fuse holder for ATC blade-type fuses
logo
Littelfuse
FHLM0200ZPA LITTELFUSE-FHLM0200ZPA Datasheet
419Kb / 1P
ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
logo
Advantech Co., Ltd.
AIMB-T1000 ADVANTECH-AIMB-T1000 Datasheet
1,010Kb / 2P
Mini Embedded Chassis for Low Profile mini-ITX AIMB
logo
Littelfuse
MINIADD-A-CIRCUIT LITTELFUSE-MINIADD-A-CIRCUIT Datasheet
211Kb / 1P
MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com