| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HD36-24-23SN-059 Datasheet(PDF) 39 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD36-24-23SN-059 Datasheet(HTML) 39 Page - TE Connectivity Ltd |
|
39 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 39 ELECTRICAL CONNECTORS CONTACT SIZE(S) PART DESCRIPTION PART NUMBER WEDGE/ TPA 16 Recept., DT, 8 way, A key, black, reduced dia. seals DT04-08PA-CE02 W8P 16 Recept., DT, 8 way, A key, black, reduced dia. seals, end cap DT04-08PA-CE03 W8P 16 Recept., DT, 8 way, A key, black, reduced dia. seals, welded flange DT04-08PA-CL03 W8P 16 Recept., DT, 8 way, A key, gray, reduced dia. seals, sealed flange, shrink boot adapter DT04-08PA-CL07 W8P 16 Recept., DT, 8 way, A key, gray, end cap DT04-08PA-E003 W8P 16 Recept., DT, 8 way, A key, black DT04-08PA-E004 W8P 16 Recept., DT, 8 way, A key, black, end cap DT04-08PA-E005 W8P 16 Recept., DT, 8 way, A key, gray, shrink boot adapter DT04-08PA-E008 W8P 16 Recept., DT, 8 way, A key, gray, sealed flange, shrink boot adapter DT04-08PA-LE03 W8P 16 Recept., DT, 8 way, A key, black, welded flange, end cap DT04-08PA-LE11 W8P 16 Recept., DT, 8 way, A key, gray, welded flange DT04-08PA-L012 W8P 16 Recept., DT, 8 way, A key, gray, (1) 8 pin buss, nickel contacts DT04-08PA-P021 Included 16 Recept., DT, 8 way, A key, gray, (2) 4 pin busses, nickel contacts DT04-08PA-P026 Included 16 Recept., DT, 8 way, A key, gray, (1) 3 pin buss/(1) 5 pin buss, nickel contacts DT04-08PA-P028 Included 16 Recept., DT, 8 way, B key, black DT04-08PB W8P 16 Recept., DT, 8 way, B key, black, reduced dia. seals DT04-08PB-C015 W8P 16 Recept., DT, 8 way, B key, black, reduced dia. seals, end cap DT04-08PB-CE01 W8P 16 Recept., DT, 8 way, B key, black, end cap DT04-08PB-E003 W8P 16 Recept., DT, 8 way, B key, black, welded flange DT04-08PB-L012 W8P 16 Recept., DT, 8 way, B key, black, (1) 8 pin buss, nickel contacts DT04-08PB-P021 Included 16 Recept., DT, 8 way, B key, black, (2) 4 pin busses, nickel contacts DT04-08PB-P026 Included 16 Recept., DT, 8 way, B key, black, (1) 3 pin buss/(1) 5 pin buss, nickel contacts DT04-08PB-P028 Included 16 Recept., DT, 8 way, C key, green DT04-08PC W8P 16 Recept., DT, 8 way, C key, green, reduced dia. seals DT04-08PC-C015 W8P 16 Recept., DT, 8 way, C key, green, reduced dia. seals, end cap DT04-08PC-CE01 W8P 16 Recept., DT, 8 way, C key, green, end cap DT04-08PC-E003 W8P 16 Recept., DT, 8 way, C key, green, welded flange DT04-08PC-L012 W8P 16 Recept., DT, 8 way, D key, brown DT04-08PD W8P 16 Recept., DT, 8 way, D key, brown, reduced dia. seals DT04-08PD-C015 W8P 16 Recept., DT, 8 way, D key, brown, reduced dia. seals, end cap DT04-08PD-CE01 W8P 16 Recept., DT, 8 way, D key, brown, end cap DT04-08PD-E003 W8P |