Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HDB36-24-31ST-059 Datasheet(PDF) 25 Page - TE Connectivity Ltd

No. de pieza HDB36-24-31ST-059
Descripción Electrónicos  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-24-31ST-059 Datasheet(HTML) 25 Page - TE Connectivity Ltd

Back Button HDB36-24-31ST-059 Datasheet HTML 21Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 22Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 23Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 24Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 25Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 26Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 27Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 28Page - TE Connectivity Ltd HDB36-24-31ST-059 Datasheet HTML 29Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 25
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., DT, 3 way, gray, reduced dia. seals
DT04-3P-C015
W3P
16
Recept., DT, 3 way, gray, solid rear grommet
DT04-3P-C017
N/A
16
Recept., DT, 3 way, gray, reduced dia. seals, end cap
DT04-3P-CE01
W3P
16
Recept., DT, 3 way, black, reduced dia. seals
DT04-3P-CE02
W3P
16
Recept., DT, 3 way, black, reduced dia. seals, end cap
DT04-3P-CE03
W3P
16
Recept., DT, 3 way, gray, reduced dia. seals, shrink boot adapter
DT04-3P-CE04
W3P
16
Recept., DT, 3 way, black, reduced dia. seals, shrink boot adapter
DT04-3P-CE09
W3P
16
Recept., DT, 3 way, gray, end cap
DT04-3P-E003
W3P
16
Recept., DT, 3 way, black
DT04-3P-E004
W3P
16
Recept., DT, 3 way, black, end cap
DT04-3P-E005
W3P
16
Recept., DT, 3 way, gray, shrink boot adapter
DT04-3P-E008
W3P
16
Recept., DT, 3 way, black, shrink boot adapter
DT04-3P-EE01
W3P
16
Recept., DT, 3 way, black, terminating resistor, gold pins, J1939
DT04-3P-EP10
Included
16
Recept., DT, 3 way, gray, welded flange
DT04-3P-L012
W3P
16
Recept., DT, 3 way, gray, welded flange, shrink boot adapter
DT04-3P-LE08
W3P
16
Recept., DT, 3 way, black, welded flange, shrink boot adapter
DT04-3P-LE12
W3P
16
Recept., DT, 3 way, gray, terminating resistor, gold pins, J1939
DT04-3P-P006
Included
16
Recept., DT, 3 way, gray, “Y” connector, molded gold pins, J1939
DT04-3P-P007
N/A
16
Plug, DT, 3 way, gray
DT06-3S
W3S
2 sz. 16
Plug, DT, 3 way, gray, C cavity blocked
DT06-3S-C008
W3S
16
Plug, DT, 3 way, gray, reduced dia. seals
DT06-3S-C015
W3S
16
Plug, DT, 3 way, gray, solid rear grommet
DT06-3S-C017
Included
16
Plug, DT, 3 way, gray, reduced dia. seals, end cap
DT06-3S-CE01
W3S
16
Plug, DT, 3 way, black, reduced dia. seals
DT06-3S-CE02
W3S
16
Plug, DT, 3 way, gray, reduced dia. seals, shrink boot adapter
DT06-3S-CE04
W3S
16
Plug, DT, 3 way, black, enhanced seal ret., reduced dia. seals, end cap
DT06-3S-CE05
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., reduced dia. seals
DT06-3S-CE06
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., reduced dia. seals, shrink boot adapter
DT06-3S-CE13
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., reduced dia. seals, latch guard end cap
DT06-3S-CE14
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., reduced dia. seals, flange, disabled latch
DT06-3S-CL08
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., solid rear grommet, end cap
DT06-3S-CP01
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com