Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L6386 Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza L6386
Descripción Electrónicos  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6386 Datasheet(HTML) 2 Page - STMicroelectronics

  L6386 Datasheet HTML 1Page - STMicroelectronics L6386 Datasheet HTML 2Page - STMicroelectronics L6386 Datasheet HTML 3Page - STMicroelectronics L6386 Datasheet HTML 4Page - STMicroelectronics L6386 Datasheet HTML 5Page - STMicroelectronics L6386 Datasheet HTML 6Page - STMicroelectronics L6386 Datasheet HTML 7Page - STMicroelectronics L6386 Datasheet HTML 8Page - STMicroelectronics L6386 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
THERMAL DATA
Symbol
Parameter
SO14
DIP14
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
165
100
°C/W
PIN DESCRIPTION
N.
Name
Type
Fun ction
1
LIN
I
Lower Driver Logic Input
2
SD (*)
I
Shut Down Logic Input
3
HIN
I
Upper Driver Logic Input
4
VCC
I
Low Voltage Supply
5
DIAG
O
Open Drain Diagnostic Output
6
CIN
I
Comparator Input
7
SGND
Ground
8
PGND
Power Ground
9
LVG (*)
O
Low Side Driver Output
10, 11
N.C.
Not Connected
12
OUT
O
Upper Driver Floating Driver
13
HVG (*)
O
High Side Driver Output
14
Vboot
Bootstrapped Supply Voltage
(*) The circuit guarantees 0.3V maximum on the pin (@ Isink = 10mA), with VCC >3V. This allows to omit the ”bleeder” resistor connected
between the gate and the source of the external MOSFET normally used to hold the pin low; the gate driver assures low impedance also
in SD condition.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vout
Output Voltage
-3 to Vboot - 18
V
Vcc
Supply Voltage
- 0.3 to +18
V
Vboot
Floating Supply Voltage
-1 to 618
V
Vhvg
Upper Gate Output Voltage
- 1 to Vboot
V
Vlvg
Lower Gate Output Voltage
-0.3 to Vcc +0.3
V
Vi
Logic Input Voltage
-0.3 to Vcc +0.3
V
Vdiag
Open Drain Forced Voltage
-0.3 to Vcc +0.3
V
Vcin
Comparator Input Voltage
-0.3 to Vcc +0.3
V
dVout/dt
Allowed Output Slew Rate
50
V/ns
Ptot
Total Power Dissipation (Tj = 85
°C)
750
mW
Tj
Junction Temperature
150
°C
Ts
Storage Temperature
-50 to 150
°C
Note: ESD immunity for pins 12, 13 and 14 is guaranteed up to 900V (Human Body Model)
LIN
SD
HIN
VCC
DIAG
SGND
CIN
1
3
2
4
5
6
7
PGND
N.C.
LVG
N.C.
OUT
HVG
Vboot
14
13
12
11
10
8
9
D97IN521A
PIN CONNECTION
L6386
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com