Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX7491EEE Datasheet(PDF) 16 Page - Analog Devices

No. de pieza MAX7491EEE
Descripción Electrónicos  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX7491EEE Datasheet(HTML) 16 Page - Analog Devices

Back Button MAX7491EEE Datasheet HTML 10Page - Analog Devices MAX7491EEE Datasheet HTML 11Page - Analog Devices MAX7491EEE Datasheet HTML 12Page - Analog Devices MAX7491EEE Datasheet HTML 13Page - Analog Devices MAX7491EEE Datasheet HTML 14Page - Analog Devices MAX7491EEE Datasheet HTML 15Page - Analog Devices MAX7491EEE Datasheet HTML 16Page - Analog Devices MAX7491EEE Datasheet HTML 17Page - Analog Devices MAX7491EEE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Wideband Noise
The wideband noise of the filter is the total RMS value
of the device’s noise spectral density and is used to
determine the operating SNR. Most of its frequency
contents lie within the filter’s passband and cannot be
reduced with postfiltering. The total noise depends
mainly on the Q of each filter section and the cascade
sequence. Therefore, in multistage filters, place the
section with the highest Q first for lower output noise.
Multiple Filter Stages
In some designs, such as very narrow band filters, or in
modes where fO cannot be tuned with resistors, several
2nd-order sections with identical fO may be cascaded
without multiple feedback. The total Q of the resultant
filter (QT) is:
Q is the Q of each individual filter section, and N is the
number of 2nd-order sections. In Table 5, the total Q and
total bandwidth (BW) are listed for up to five identical
2nd-order sections. B is the bandwidth of each section.
Chip Information
PROCESS: BiCMOS
Total Q
Q
T
N
/
//
=−
()
21
11 2
Dual Universal Switched-Capacitor Filters
16
______________________________________________________________________________________
TOTAL SECTIONS
TOTAL BW
TOTAL Q
1
1.000 B
1.00 Q
2
0.644 B
1.55 Q
3
0.510 B
1.96 Q
4
0.435 B
2.30 Q
5
0.386 B
2.60 Q
Table 5. Cascading Identical Bandpass
Filter Sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18