Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

WTM306P700LS Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

No. de pieza WTM306P700LS
Descripción Electrónicos  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Página de inicio  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

WTM306P700LS Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  WTM306P700LS Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. WTM306P700LS Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. WTM306P700LS Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. WTM306P700LS Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. WTM306P700LS Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. WTM306P700LS Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. WTM306P700LS Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics at Ta = 25
℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
STATIC PARAMETERS
Drain-Source Breakdown Voltage
at -ID = 250 μA
-BVDSS
60
-
-
V
Drain-Source Leakage Current
at -VDS = 48 V
-IDSS
-
-
1
µA
Gate Leakage Current
at VGS = ± 20 V
IGSS
-
-
± 100
nA
Gate-Source Threshold Voltage
at VDS = VGS, -ID = 250 µA
-VGS(th)
1.5
-
2.5
V
Drain-Source On-State Resistance
at -VGS = 10 V, -ID = 5.7 A
at -VGS = 4.5 V, -ID = 4.4 A
RDS(on)
-
-
65
-
70
95
mΩ
DYNAMIC PARAMETERS
Forward Transconductance
at -VDS = 15 V, -ID = 5.7 A
gfs
-
5
-
S
Gate Resistance
at VGS = 0 V, VDS = 0 V, f = 1 MHz
Rg
-
6.7
-
Ω
Input Capacitance
at -VDS = 30 V, VGS = 0 V, f = 1 MHz
Ciss
-
985
-
pF
Output Capacitance
at -VDS = 30 V, VGS = 0 V, f = 1 MHz
Coss
-
50
-
pF
Reverse Transfer Capacitance
at -VDS = 30 V, VGS = 0 V, f = 1 MHz
Crss
-
16
-
pF
Total Gate Charge
at -VDS = 30 V, -VGS = 10 V, -ID = 5.7 A
at -VDS = 30 V, -VGS = 4.5 V, -ID = 5.7 A
Qg
-
-
16.5
7.6
-
-
nC
Gate-Source Charge
at -VDS = 30 V, -VGS = 10 V, -ID = 5.7 A
Qgs
-
3.9
-
nC
Gate-Drain Charge
at -VDS = 30 V, -VGS = 10 V, -ID = 5.7 A
Qgd
-
2.5
-
nC
Turn-On Delay Time
at -VDD = 30 V, -VGS = 10 V, -ID = 5.7 A, Rg = 4.7 Ω
td(on)
-
9
-
ns
Turn-On Rise Time
at -VDD = 30 V, -VGS = 10 V, -ID = 5.7 A, Rg = 4.7 Ω
tr
-
10
-
ns
Turn-Off Delay Time
at -VDD = 30 V, -VGS = 10 V, -ID = 5.7 A, Rg = 4.7 Ω
td(off)
-
14
-
ns
Turn-Off Fall Time
at -VDD = 30 V, -VGS = 10 V, -ID = 5.7 A, Rg = 4.7 Ω
tf
-
3
-
ns
Body-Diode PARAMETERS
Drain-Source Diode Forward Voltage
at -lS = 16 A, VGS = 0 V
-VSD
-
-
1.2
V
Body-Diode Continuous Current
-IS
-
-
12.5
A
Body-Diode Continuous Current, Pulsed
-ISM
-
-
36
A
Body Diode Reverse Recovery Time
at -IS = 5.7 A, di/dt = 100 A / µs
trr
-
12.4
-
ns
Body Diode Reverse Recovery Charge
at -IS = 5.7 A, di/dt = 100 A / µs
Qrr
-
8.7
-
nC
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com