| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7806CP Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7806CP Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 34 page ![]() L7800 SERIES 13/34 Table 19: Electrical Characteristics Of L7812C (refer to the test circuits, TJ = 0 to 125°C, VI = 19V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Table 20: Electrical Characteristics Of L7815C (refer to the test circuits, TJ = 0 to 125°C, VI = 23V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified). (*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 11.5 12 12.5 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 14.5 to 27 V 11.4 12 12.6 V ∆V O(*) Line Regulation VI = 14.5 to 30 V TJ = 25°C 240 mV VI = 16 to 22 V TJ = 25°C 120 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 240 mV IO = 250 to 750 mA TJ = 25°C 120 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 14.5 to 30 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -1 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 75 µV/V O SVR Supply Voltage Rejection VI = 15 to 25 V f = 120Hz 55 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 18 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.35 A Iscp Short Circuit Peak Current TJ = 25°C 2.2 A Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 14.5 15 15.6 V VO Output Voltage IO = 5 mA to 1 A PO ≤ 15W VI = 17.5 to 30 V 14.25 15 15.75 V ∆V O(*) Line Regulation VI = 17.5 to 30 V TJ = 25°C 300 mV VI = 20 to 26 V TJ = 25°C 150 ∆V O(*) Load Regulation IO = 5 mA to 1.5 A TJ = 25°C 300 mV IO = 250 to 750 mA TJ = 25°C 150 Id Quiescent Current TJ = 25°C 8 mA ∆I d Quiescent Current Change IO = 5 mA to 1 A 0.5 mA VI = 17.5 to 30 V 1 ∆V O/∆T Output Voltage Drift IO = 5 mA -1 mV/°C eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 90 µV/V O SVR Supply Voltage Rejection VI = 18.5 to 28.5 V f = 120Hz 54 dB Vd Dropout Voltage IO = 1 A TJ = 25°C 2 V RO Output Resistance f = 1 KHz 19 m Ω Isc Short Circuit Current VI = 35 V TJ = 25°C 0.23 A Iscp Short Circuit Peak Current TJ = 25°C 2.2 A |