Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

C-15-002-R-SSC2I Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza C-15-002-R-SSC2I
Descripción Electrónicos  1550nm 2.5Gbps Laser Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

C-15-002-R-SSC2I Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  C-15-002-R-SSC2I Datasheet HTML 1Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 2Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 3Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 4Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 5Page - List of Unclassifed Manufacturers C-15-002-R-SSC2I Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
C-15-002-XX-SXXXX/XXX-X-XX
1550nm 2.5Gbps Laser Diode Module
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS528-JUN2606
rev. A.1
LUMINENTOIC.COM
Packaging Dimension
Units in mm.
Part Number: C-15-002-PX-SXXXX/XXX-X-XX
Flange Type
Connector Type
MU CONNECTOR
LC:LC/PC
FC:FC/PC
ST:ST/PC
SC:SC/PC
" ":Flangeless
"O":Horizonal (Omega Housing)
"V":Vertical
"K":Horizontal (KX Housing)



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com