Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2331HGTL Datasheet(PDF) 6 Page - Monolithic Power Systems

No. de pieza MP2331HGTL
Descripción Electrónicos  24V, 2A, 1.2MHz, Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2331HGTL Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2331HGTL Datasheet HTML 2Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 3Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 4Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 5Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 6Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 7Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 8Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 9Page - Monolithic Power Systems MP2331HGTL Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP2331H – 24V, 2A, SYNCHRONOUS BUCK CONVERTER
MP2331H Rev. 1.0
www.MonolithicPower.com
6
10/18/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 19V, VOUT = 3.3V, L = 2.2µH, FSW = 1.2MHz, unless otherwise noted.
Efficiency
VOUT = 1V, L = 1
μH, DCR = 4.6mΩ
Load Regulation
IOUT = 0.1 - 2A
30
35
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
OUTPUT CURRENT (A)
Vin=5V
Vin=12V
Vin=19V
Vin=24V
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
0.5
1
1.5
2
OUTPUT CURRENT (A)
Vin=5V
Vin=12V
Vin=19V
Vin=24V
Line Regulation
VIN = 5 - 24V
Enabled Supply Current vs. Input
Voltage
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
5
10
15
20
25
INPUT VOLTAGE (V)
Io=0A
Io=1A
Io=2A
150
160
170
180
190
200
210
220
230
240
250
4
9
14
19
24
INPUT VOLTAGE (V)
Disabled Supply Current vs. Input
Voltage
VIN UVLO Threshold vs. Temperature
0
1
2
3
4
5
6
7
8
4
9
14
19
24
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (
℃)
Rising threshold
Falling threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com