Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L7815CF Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza L7815CF
Descripción Electrónicos  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7815CF Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L7815CF Datasheet HTML 26Page - STMicroelectronics L7815CF Datasheet HTML 27Page - STMicroelectronics L7815CF Datasheet HTML 28Page - STMicroelectronics L7815CF Datasheet HTML 29Page - STMicroelectronics L7815CF Datasheet HTML 30Page - STMicroelectronics L7815CF Datasheet HTML 31Page - STMicroelectronics L7815CF Datasheet HTML 32Page - STMicroelectronics L7815CF Datasheet HTML 33Page - STMicroelectronics L7815CF Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
L7800 SERIES
32/34
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
10.50
10.6
10.70
0.413
0.417
0.421
Bo
15.70
15.80
15.90
0.618
0.622
0.626
Ko
4.80
4.90
5.00
0.189
0.193
0.197
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
11.9
12.0
12.1
0.468
0.472
0.476
Ta
pe & Reel D2PAK-P 2PAK-D 2PAK/A-P 2PAK/A MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34