Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DS49 Datasheet(PDF) 5 Page - Lumileds Lighting Company

No. de pieza DS49
Descripción Electrónicos  power light source LUXEON짰 Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMILEDS [Lumileds Lighting Company]
Página de inicio  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS49 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  DS49 Datasheet HTML 1Page - Lumileds Lighting Company DS49 Datasheet HTML 2Page - Lumileds Lighting Company DS49 Datasheet HTML 3Page - Lumileds Lighting Company DS49 Datasheet HTML 4Page - Lumileds Lighting Company DS49 Datasheet HTML 5Page - Lumileds Lighting Company DS49 Datasheet HTML 6Page - Lumileds Lighting Company DS49 Datasheet HTML 7Page - Lumileds Lighting Company DS49 Datasheet HTML 8Page - Lumileds Lighting Company DS49 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
LUXEON Flash
DS49
(10/06)
Color Temperature (White) for Flash & Torch Modes
Table 3.
T
To
otta
all IIn
nc
cllu
ud
de
ed
d A
An
ng
glle
e [1]
V
Viie
ew
wiin
ng
g A
An
ng
glle
e [2]
C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e
C
CC
CT
T
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
M
Miin
n
T
Ty
yp
p
M
Ma
ax
x
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
5000K
6500K
10000K
140
120
Notes for Table 3:
1.
Total included angle at which 90% of total luminous flux is captured.
2.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
3.
Tolerance of x, y color coordinates is +/ 0.005.
Typical Forward Voltage (VF) vs. Drive Currents (IF) for Both Flash
& Torch Modes Junction Temperature TJ = 25ºC
Typical Electrical & Thermal Characteristics
Table 4.
T
Te
em
mp
pe
erra
attu
urre
e C
Co
oe
effffiic
ciie
en
ntt
o
off F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e [2]
T
Th
he
errm
ma
all R
Re
es
siis
stta
an
nc
ce
e,,
D
Dy
yn
na
am
miic
c R
Re
es
siis
stta
an
nc
ce
e [1] [2]
((m
mV
V//ooC
C))
J
Ju
un
nc
cttiio
on
n tto
o C
Ca
as
se
e
P
Pa
arrtt N
Nu
um
mb
be
err
((Ω
Ω)) R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
((ooC
C//W
W)) R
R
θθ
J
J C
C
LXCLPWF1
0.2
2.0
9.3
LXCLPWF3
0.2
2.0
13
Notes for Table 4:
1.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs.
2.
Measured between 25°C
≤ T
J ≤ 110°C at IF = 1000mA.
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Forw ard Voltage (V)
Figure 5. Forward Voltage vs. Drive Current for LXCLPWF1.
0
100
200
300
400
500
600
700
800
900
1000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Forw ard Voltage (V)
Figure 6. Forward Voltage vs. Drive Current for LXCLPWF3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com