Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VND600PEP-E Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza VND600PEP-E
Descripción Electrónicos  DOUBLE CHANNEL HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600PEP-E Datasheet(HTML) 3 Page - STMicroelectronics

  VND600PEP-E Datasheet HTML 1Page - STMicroelectronics VND600PEP-E Datasheet HTML 2Page - STMicroelectronics VND600PEP-E Datasheet HTML 3Page - STMicroelectronics VND600PEP-E Datasheet HTML 4Page - STMicroelectronics VND600PEP-E Datasheet HTML 5Page - STMicroelectronics VND600PEP-E Datasheet HTML 6Page - STMicroelectronics VND600PEP-E Datasheet HTML 7Page - STMicroelectronics VND600PEP-E Datasheet HTML 8Page - STMicroelectronics VND600PEP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
VND600PEP-E
Figure 3. Configuration Diagram (Top View) & Suggested Connections for Unused and N.C. Pins
Figure 4. Current and Voltage Conventions
Table 4. Thermal Data
Note: (*) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick).
Note: (**) When mounted on a standard single-sided FR-4 board with 8cm2 of Cu (at least 35
µm thick).
Note: (1) one channel ON - (2) two channels ON
Symbol
Parameter
Value
Unit
Rthj-case
(1)
Thermal resistance junction-case
(MAX)
1.8
°C/W
Rthj-case
(2)
Thermal resistance junction-case
(MAX)
1.3
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
54 (*)
39 (**)
°C/W
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
NC
INPUT1
GND
VCC
NC
INPUT2
OUTPUT2
OUTPUT2
TAB = VCC
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
NC
VCC
C.SENSE1
NC
NC
C.SENSE2
OUTPUT1
OUTPUT1
Connection / Pin Current Sense
N.C.
Output
Input
Floating
X
X
X
To Ground
Through 1K
resistor
X
Through 10K
resistor
IS
IGND
OUTPUT2
VCC
IOUT2
VCC
VSENSE2
CURRENT SENSE 1
ISENSE1
VOUT2
OUTPUT1
IOUT1
CURRENT SENSE 2
ISENSE2
VSENSE1
VOUT1
INPUT2
IIN2
INPUT1
IIN1
VIN2
VIN1
GROUND
VF1 (*)
(*) VFn = VCCn - VOUTn during reverse battery condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com