Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PDF6907 Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

No. de pieza PDF6907
Descripción Electrónicos  60V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POTENS [Potens Semiconductor Corp.]
Página de inicio  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDF6907 Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDF6907 Datasheet HTML 1Page - Potens Semiconductor Corp. PDF6907 Datasheet HTML 2Page - Potens Semiconductor Corp. PDF6907 Datasheet HTML 3Page - Potens Semiconductor Corp. PDF6907 Datasheet HTML 4Page - Potens Semiconductor Corp. PDF6907 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
1
PDF6907
60V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25
℃)
-12
A
Drain Current
– Continuous (TC=100
℃)
-7.6
A
IDM
Drain Current
– Pulsed1
-72
A
EAS
Single Pulse Avalanche Energy2
31
mJ
IAS
Single Pulse Avalanche Current2
-25
A
PD
Power Dissipation (TC=25
℃)
17
W
Power Dissipation
– Derate above 25
℃
0.14
W/
℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
7.5
℃/W
BVDSS
RDSON
ID
-60V
68m
-12A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -60V,-12A, RDS(ON) =68m
Ω@VGS = -10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
Applications
 Motor Drive
 Power Tools
 LED Lighting
TO220F Pin Configuration
D
G
S
D
G
S


Número de pieza similar - PDF6907

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Potens Semiconductor Co...
PDF6901 POTENS-PDF6901 Datasheet
840Kb / 5P
60V P-Channel MOSFETs
Ver.1.00
PDF6904 POTENS-PDF6904 Datasheet
744Kb / 5P
60V N-Channel MOSFETs
Ver.1.02
PDF6905 POTENS-PDF6905 Datasheet
904Kb / 5P
60V P-Channel MOSFETs
Ver.1.01
PDF6906 POTENS-PDF6906 Datasheet
678Kb / 5P
60V N-Channel MOSFETs
Ver.1.02
PDF6908 POTENS-PDF6908 Datasheet
459Kb / 5P
60V N-Channel MOSFETs
Ver.1.03
More results

Descripción similar - PDF6907

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
MS69P05 BWTECH-MS69P05 Datasheet
644Kb / 6P
60V P-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK2P7002S FS-FTK2P7002S Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6903 FS-FTK6903 Datasheet
783Kb / 5P
60V P-Channel MOSFETs
FTK6903D FS-FTK6903D Datasheet
808Kb / 5P
60V P-Channel MOSFETs
FTK6905P FS-FTK6905P Datasheet
973Kb / 5P
60V P-Channel MOSFETs
FTK6907 FS-FTK6907 Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6907Z FS-FTK6907Z Datasheet
997Kb / 5P
60V P-Channel MOSFETs
FTK6911 FS-FTK6911 Datasheet
923Kb / 5P
60V P-Channel MOSFETs
FTK6965AP FS-FTK6965AP Datasheet
1Mb / 5P
60V P-Channel MOSFETs
FTK6901D FS-FTK6901D Datasheet
1,004Kb / 5P
60V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com