| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HB30C4AB Datasheet(PDF) 2 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
HB30C4AB Datasheet(HTML) 2 Page - StarTech.com Ltd. |
|
2 / 5 page ![]() Add USB ports, virtually anywhere you go With its compact and lightweight design, this USB hub is tailored for mobility. You can easily tuck it into your laptop bag when traveling, which makes it easy to expand your connectivity almost anywhere you need to. Plus, with a small-footprint design the 4-port hub takes up minimal desk space when connected in your work area. Bus-powered design makes travel more convenient This versatile USB-C hub is bus-powered, which means it draws its power directly from your computer’s USB-C port. This means there are fewer cables to carry with you when you travel because it doesn’t need an external power adapter. Add four USB 3.0 ports in seconds This USB hub is multi-platform compatible, which means it will work with a wide range of laptops. It also works with a range of operating systems such as Windows®, Mac, Linux® and Chrome OS™. It installs automatically once you connect it to your laptop, so you can be up and running in seconds. The HB30C4AB is backed by a StarTech.com 2-year warranty and free lifetime technical support. www.startech.com/uk 0800 169 0408 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |