Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP014413 Datasheet(PDF) 1 Page - Multicomp Pro

No. de pieza MP014413
Descripción Electrónicos  Hexagon Socket Head Screw
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP014413 Datasheet(HTML) 1 Page - Multicomp Pro

  MP014413 Datasheet HTML 1Page - Multicomp Pro MP014413 Datasheet HTML 2Page - Multicomp Pro MP014413 Datasheet HTML 3Page - Multicomp Pro MP014413 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
11/10/24
Hexagon Socket Head Screw
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
• The rubber mouth of the screw length (L) is less than or equal to 5%.
• If screw is used with a nut, we recommend using the screw and nut made of the same material.
• The values in the table is only for reference , not a guarantee value.
• Please use a torque wrench to tighten. The recommended tightening torque is 50% of the breaking torque
Applications
• Electronic and electrical appliances
• Photovoltaic and semiconductor industries
• Military industry
• Medical devices
• Aerospace and other fields
Description
PEEK (Polyether ether ketone) is a semi crystalline special engineering plastic with ultra-high performance;Strong chemical
resistance, concentrat-ed sulfuric acid is the only universal chemical that can dissolve PEEK: It has excellent heat resistance.
wear resistance,flame retardancy,and hydrolysis resistance.
Polyether
Diagram
Polyvinylidene
Polyether


Número de pieza similar - MP014413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Golledge Electronics Lt...
MP01440 GOLLEDGE-MP01440 Datasheet
103Kb / 4P
SAW Filter 611MHz
More results

Descripción similar - MP014413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MS90727 ETC-MS90727 Datasheet
166Kb / 5P
SCREW, CAP, HEXAGON HEAD
D01294 ETC2-D01294 Datasheet
4Mb / 4P
Hexagon Nut And Screw Head Covers
logo
Adam Technologies, Inc.
HDW-086 ADAM-TECH-HDW-086 Datasheet
56Kb / 1P
SCREW HEAD PIN
logo
List of Unclassifed Man...
NAS1351 ETC2-NAS1351 Datasheet
3Mb / 6P
SCREW, CAP, SOCKET HEAD, UNDRILLED
logo
Keystone Electronics Co...
29314 KEYSTONE-29314 Datasheet
200Kb / 1P
M3 PAN HEAD SCREW
29300 KEYSTONE-29300 Datasheet
174Kb / 1P
2.5M PAN HEAD SCREW
11.24.09
29341 KEYSTONE-29341 Datasheet
196Kb / 1P
M3 PAN HEAD SCREW
10.12.06
logo
FIBOX Enclosing innovat...
3570345 FIBOX-3570345 Datasheet
48Kb / 1P
Plastic head screw (M6x25)
16.08.2023
3570347 FIBOX-3570347 Datasheet
48Kb / 1P
Plastic head screw (M10x30)
16.08.2023
logo
Keystone Electronics Co...
9900-9911 KEYSTONE-9900-9911 Datasheet
270Kb / 1P
PHILIPS PAN HEAD SCREW
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com