Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMC128AF Datasheet(PDF) 67 Page - Numonyx B.V

No. de pieza SMC128AF
Descripción Electrónicos  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUMONYX [Numonyx B.V]
Página de inicio  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC128AF Datasheet(HTML) 67 Page - Numonyx B.V

Back Button SMC128AF Datasheet HTML 63Page - Numonyx B.V SMC128AF Datasheet HTML 64Page - Numonyx B.V SMC128AF Datasheet HTML 65Page - Numonyx B.V SMC128AF Datasheet HTML 66Page - Numonyx B.V SMC128AF Datasheet HTML 67Page - Numonyx B.V SMC128AF Datasheet HTML 68Page - Numonyx B.V SMC128AF Datasheet HTML 69Page - Numonyx B.V SMC128AF Datasheet HTML 70Page - Numonyx B.V SMC128AF Datasheet HTML 71Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
SMCxxxAF
CF-ATA command description
67/82
9.17
Set Multiple mode command (C6h)
This command enables the card to perform Read and Write Multiple operations and
establishes the block count for these commands. The Sector Count register is loaded with
the number of sectors per block. Upon receipt of the command, the card sets BSY and
checks the Sector Count register.
If the Sector Count register contains a valid value and the block count is supported, the
value is loaded for all subsequent Read Multiple and Write Multiple commands and
execution is enabled. If a block count is not supported, an aborted command error is posted,
and Read Multiple and Write Multiple commands are disabled. If the Sector Count register
contains ‘0’ when the command is issued, Read and Write Multiple commands are disabled.
At power-on the default mode is Read and Write Multiple disabled, unless it is disabled by a
Set Feature command. Table 68 defines the Set Multiple Mode command byte sequence.
9.18
Set Sleep mode command (99h or E6h)
This command causes the CompactFlash memory card to set BSY, enter the Sleep mode,
clear BSY and generate an interrupt. Recovery from sleep mode is accomplished by simply
issuing another command. Sleep mode is also entered when internal timers expire so the
host does not need to issue this command except when it wishes to enter Sleep mode
immediately. The default value for the timer is 5 milliseconds. Note that this time base
(5 ms) is different from the ATA specification. Table 69 defines the Set Sleep mode
command byte sequence.
Table 68.
Set Multiple mode
Bit
7
6
5432
1
0
Command (7)
C6h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
Sector Count
Feature (1)
X
Table 69.
Set Sleep mode
Bit
765
4
3
2
1
0
Command (7)
99h or E6h
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com