| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2142MP Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC2142MP Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 29 page ![]() TLE2142, TLE2142A, TLE2142Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994 5–9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2142C TLE2142AC UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT SR + Positive slew rate AVD = – 1, RL = 2 kΩ, 27 45 27 45 V/ µs SR – Negative slew rate AVD 1, CL = 500 pF RL 2 kΩ, 27 42 27 42 V/ µs ts Settling time AVD = – 1, To 0.1% 0.34 0.34 µs ts Settling time AVD 1, 10-V step To 0.01% 0.4 0.4 µs Vn Equivalent input noise voltage RS = 20 Ω, f = 10 Hz 15 15 nV/ √Hz Vn Equivalent input noise voltage RS = 20 Ω, f = 1 kHz 10.5 10.5 nV/ √Hz VN(PP) Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 0.48 0.48 µV VN(PP) Peak to peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 0.51 0.51 µV In Equivalent input noise current f = 10 Hz 1.89 1.89 pA/ √Hz In Equivalent input noise current f = 1 kHz 0.47 0.47 pA/ √Hz THD+N Total harmonic distortion plus VO(PP) = 20 V, RL = 2 kΩ, 0 01% 0 01% THD + N Total harmonic distortion plus noise VO(PP) 20 V, AVD = 10, RL 2 kΩ, f = 10 kHz 0.01% 0.01% B1 Unity-gain bandwidth RL = 2 kΩ, CL = 100 pF 6 6 MHz Gain-bandwidth product RL = 2 kΩ,CL = 100 pF, 59 59 MHz Gain-bandwidth product RL 2 kΩ,CL 100 pF, f =100 kHz 5.9 5.9 MHz BOM Maximum output-swing VO(PP) = 20 V, RL = 2 kΩ, 668 668 kHz BOM Maximum output swing bandwidth VO(PP) 20 V, AVD = 1, RL 2 kΩ, CL = 100 pF 668 668 kHz φm Phase margin at unity gain RL = 2 kΩ, CL = 100 pF 58 ° 58 ° |