Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2HFTUMN-80000-2 Datasheet(PDF) 7 Page - Delkin Devices.

No. de pieza MP2HFTUMN-80000-2
Descripción Electrónicos  M.2 2280 PCIe Industrial Solid State Drive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELKINDEVICES [Delkin Devices.]
Página de inicio  https://www.delkindevices.com/
Logo DELKINDEVICES - Delkin Devices.

MP2HFTUMN-80000-2 Datasheet(HTML) 7 Page - Delkin Devices.

Back Button MP2HFTUMN-80000-2 Datasheet HTML 3Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 4Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 5Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 6Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 7Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 8Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 9Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 10Page - Delkin Devices. MP2HFTUMN-80000-2 Datasheet HTML 11Page - Delkin Devices. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M.2 2280 Industrial PCIe SSD
401-0578-00 Rev. A
© 2022 | Delkin Devices Inc.
7
provide different levels of throttling to achieve protection efficiently and proactively via SMART
reading.
1.4.
Advanced Device Security Features
1.4.1. Secure Erase
Secure Erase is a standard NVME format command and will write “0xFF” to fully wipe all the data
on hard drives and SSDs. When this command is issued, the SSD controller will erase its storage
blocks and return to its factory default settings.
1.5.
SSD Lifetime Management
1.5.1. Terabytes Written (TBW)
TBW (Terabytes Written) is a measurement of SSDs’ expected lifespan, which represents the
amount of data written to the device. To calculate the TBW of a SSD, the following equation is applied:
TBW = [(NAND Endurance) x (SSD Capacity) x (WLE)] / WAF
NAND Endurance: NAND endurance refers to the P/E (Program/Erase) cycle rating of NAND flash,
per the manufacturer’s specification.
SSD Capacity: The SSD capacity is the specific capacity in total of a SSD.
WLE: Wear Leveling Efficiency (WLE) represents the ratio of the average amount of erases on all
the blocks to the erases on any block at maximum.
WAF: Write Amplification Factor (WAF) is a numerical value representing the ratio between the
amount of data that a SSD controller writes to the flash and the amount of data that the host’s
flash controller writes. A better WAF, which is near 1, guarantees better endurance and lower
frequency of data written to flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com