Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TS45 Datasheet(PDF) 2 Page - Same Sky Devices

No. de pieza TS45
Descripción Electrónicos  TACTILE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMESKY [Same Sky Devices]
Página de inicio  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

TS45 Datasheet(HTML) 2 Page - Same Sky Devices

  TS45 Datasheet HTML 1Page - Same Sky Devices TS45 Datasheet HTML 2Page - Same Sky Devices TS45 Datasheet HTML 3Page - Same Sky Devices TS45 Datasheet HTML 4Page - Same Sky Devices TS45 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAME SKY | SERIES: TS45 | DESCRIPTION: TACTILE SWITCH
date 11/20/2025 | page 2 of 5
sameskydevices.com
Ø
MECHANICAL DRAWING (260 & 400 GF MODELS)
units: mm
tolerance: ±0.2 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
terminals
brass
silver
2
housing
FR52 (UL94V-0)
black
3
contacts
SUS
silver
4
cover
SUS
--
5
stem
silica gel
white or yellow
Recommended PCB Layout
Top View
ACTUATOR POSITION
( ): MOMENTARY
NORMAL
DOWN
OFF
(ON)
SCHEMATIC
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com