Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP20N65MP Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

No. de pieza AP20N65MP
Descripción Electrónicos  650V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP20N65MP Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP20N65MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP20N65MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP20N65MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP20N65MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP20N65MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP20N65MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP20N65MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP20N65MP
650V N-Channel Enhancement Mode MOSFET
AP20N65MP REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
650
690
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 500V, VGS = 0V, TJ = 25ºC
--
--
1
μA
IGSS
Gate-Source Leakage
VGS = ±30V
--
--
±100
nA
VGS(th)
Gate-Source Threshold Voltage
VDS = VGS, ID = 250µA
2.0
3.0
4.0
V
RDS(on)
Drain-Source On-Resistance (Note3)
VGS = 10V, ID = 9A
--
380
480
mΩ
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V, f = 1.0MHz
--
2150
--
pF
Coss
Output Capacitance
--
265
--
Crss
Reverse Transfer Capacitance
--
6.2
--
Qg
Total Gate Charge
VDS=335V, ID=18A,
VGS =10V
--
38
--
nC
Qgs
Gate-Source Charge
--
12
--
Qgd
Gate-Drain Charge
--
13
--
td(on)
Turn-on Delay Time
VDD=335V, ID=18A,
RG = 25 Ω
--
36
--
ns
tr
Turn-on Rise Time
--
51
--
td(off)
Turn-off Delay Time
--
80
--
tf
Turn-off Fall Time
--
44
--
IS
Continuous Body Diode Current
TC = 25 ºC
--
--
18
A
ISM
Pulsed Diode Forward Current
--
--
72
VSD
Body Diode Voltage
TJ = 25ºC, ISD = 18A, VGS = 0V
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V,IS = 18A, diF/dt =100A
/μs
--
456
--
ns
Qrr
Reverse Recovery Charge
--
5.9
--
μC
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
、The EAS data shows Max. rating . L=4.1Mh IAS=18A, VDD=50V, RG=25Ω, Starting TJ = 25 ºC
3
、The test condition is Pulse Test: Pulse width ≤ 300μs, Duty Cycle ≤ 1%
4
、The power dissipation is limited by 150℃ junction temperature
5
、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com