Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EP4001 Datasheet(PDF) 6 Page - Eorex Corporation

No. de pieza EP4001
Descripción Electrónicos  High Efficiency, Step-Up Converter with EXT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EOREX [Eorex Corporation]
Página de inicio  http://www.eorex.com
Logo EOREX - Eorex Corporation

EP4001 Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EP4001 Datasheet HTML 2Page - Eorex Corporation EP4001 Datasheet HTML 3Page - Eorex Corporation EP4001 Datasheet HTML 4Page - Eorex Corporation EP4001 Datasheet HTML 5Page - Eorex Corporation EP4001 Datasheet HTML 6Page - Eorex Corporation EP4001 Datasheet HTML 7Page - Eorex Corporation EP4001 Datasheet HTML 8Page - Eorex Corporation EP4001 Datasheet HTML 9Page - Eorex Corporation EP4001 Datasheet HTML 10Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
eorex
EP4001
Aug. 2006
www.eorex.com
6/10
Functional Block Diagram
Figure 3-EP4001 Functional Block Diagram
Operation
The EP4001 is a current mode PWM boost converter with a fixed switching frequency at 450KHz. It is
able to operate from an input voltage below 1V. With its low RDS(ON) internal MOSFET switch, this device
maintains the high efficiency over a wide range of load current.
Low Voltage Start-Up
The EP4001 will start up with a typical VIN voltage at 1V. The low voltage start-up circuitry controls the
internal NMOS switch allowing the devices to start up into an output load. Once VOUT exceeds 1.8V, the
start-up circuitry is disabled and normal fixed frequency PWM operation is initiated. In this mode, the
EP4001 operates independent of VIN. The limiting factor for the application becomes the ability of the
battery to supply sufficient energy to the output. Low Noise Fixed Frequency Operation Oscillator: The
frequency of operation is internally set to 450KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com