Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP30V04DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

No. de pieza AP30V04DF
Descripción Electrónicos  -40V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP30V04DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP30V04DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP30V04DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP30V04DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP30V04DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP30V04DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP30V04DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP30V04DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP30V04DF
-40V P-Channel Enhancement Mode MOSFET
AP30V04DF REV1.0
永源微電子科技有限公司
Description
The AP30V04DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -40V ID =-30A
RDS(ON) < 30mΩ @ VGS=-10V (Type:24mΩ)
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP30V04DF
PDFN3*3-8L
AP30V04DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, -VGS @ -10V1
-30
A
ID@TC=100
℃
Continuous Drain Current, -VGS @ -10V1
-21
A
IDM
Pulsed Drain Current2
-120
A
EAS
Single Pulse Avalanche Energy3
109
mJ
IAS
Avalanche Current
-30
A
PD@TC=25
℃
Total Power Dissipation4
35
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃/W
RθJC
Thermal Resistance Junction-Case1
3.6
℃/W


Número de pieza similar - AP30V04DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
A POWER MICROELECTRONIC...
AP30V04NF APME-AP30V04NF Datasheet
699Kb / 7P
-40V P-Channel Enhancement Mode MOSFET
REV1.0
More results

Descripción similar - AP30V04DF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
ZXMP4A16K DIODES-ZXMP4A16K Datasheet
582Kb / 8P
40V P-channel enhancement mode MOSFET
MARCH 2006
DMP4050SSS DIODES-DMP4050SSS_15 Datasheet
676Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Shanghai Leiditech Elec...
LM3L5P04 LEIDITECH-LM3L5P04 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
logo
DONGGUAN YOU FENG WEI E...
YFW40P04DF YFWDIODE-YFW40P04DF Datasheet
1Mb / 5P
-40V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Pan Jit International I...
PJL9421 PANJIT-PJL9421 Datasheet
605Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 12,2017-REV.00
PJQ4441P-AU PANJIT-PJQ4441P-AU Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-AU-REV.01
PJQ4441P PANJIT-PJQ4441P Datasheet
792Kb / 6P
40V P-Channel Enhancement Mode MOSFET
January 26,2022 PJQ4441P-REV.01
PJQ5453 PANJIT-PJQ5453 Datasheet
595Kb / 6P
40V P-Channel Enhancement Mode MOSFET
May 9,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com