Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BZT52C7V5. Datasheet(PDF) 2 Page - Multicomp Pro

No. de pieza BZT52C7V5.
Descripción Electrónicos  Diode Zener
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BZT52C7V5. Datasheet(HTML) 2 Page - Multicomp Pro

  BZT52C7V5. Datasheet HTML 1Page - Multicomp Pro BZT52C7V5. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Diode
Zener
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
26/08/14
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Zener Voltage
Zener Impedance
Reverse Leakage
Current
Marking
Code
Part Number
VZ at IZT
ZZT at IZT
ZZK at IZK
IR at VR
(V)
(Ω)
(mA)
(Ω)
(mA)
(µΑ)
(V)
Nom
Min
Max
Max
Max
Max
4.7
4.47
4.94
78
5
500
1
5
1
W8
BZT52C4V7
5.1
4.85
5.36
60
480
0.1
0.8
W9
BZT52C5V1
5.6
5.32
5.88
40
400
1
WA
BZT52C5V6
6.2
5.89
6.51
10
200
2
WB
BZT52C6V2
7.5
7.13
7.88
7
50
5
WD
BZT52C7V5
8.2
7.79
8.61
7
6
WE
BZT52C8V2
9.1
8.65
9.56
10
7
WF
BZT52C9V1
10
9.50
10.5
15
70
7.5
WG
BZT52C10
11
10.45
11.55
20
8.5
WH
BZT52C11
12
11.4
12.6
20
90
9
WI
BZT52C12
13
12.35
13.65
25
110
10
WK
BZT52C13
15
14.25
15.75
30
11
WL
BZT52C15
16
15.2
16.8
40
170
12
WM
BZT52C16
18
17.1
18.9
50
14
WN
BZT52C18
20
19
21
50
220
15
WO
BZT52C20
22
20.9
23.1
55
17
WP
BZT52C22
24
22.8
25.2
80
18
WR
BZT52C24
27
25.65
28.35
80
250
20
WS
BZT52C27
30
28.5
31.5
80
22.5
WT
BZT52C30
33
31.35
34.65
80
25
WU
BZT52C33
36
34.2
37.8
90
27
WW
BZT52C36
39
37.05
40.95
90
300
29
WX
BZT52C39
Electrical Characteristics (Ta=25°C unless specified otherwise) VF at 10mA<0.9V



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com