Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP45P06F Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

No. de pieza AP45P06F
Descripción Electrónicos  -60V P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP45P06F Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP45P06F Datasheet HTML 1Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 2Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 3Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 4Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 5Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 6Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 7Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 8Page - A POWER MICROELECTRONICS AP45P06F Datasheet HTML 9Page - A POWER MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP45P06FIPIT
-60V P-Channel Enhancement Mode MOSFET
AP45P06F/P/T REV1.1
永源微電子科技有限公司
Package Mechanical Data-TO-220F-3L-
Symbol
Common
mm
Mim
Max
A
9.9
10.3
B
2.9
3.5
C
1.15
1.45
D
12.75
13.25
E
0.55
0.75
F
3.1
3.5
G
1.25
1.45
H
2.54
I
5.08
J
4.55
4.75
K
2.4
2.7
L
6.35
6.75
M
15.0
16.0
N
2.75
3.15
O
0.45
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com