Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CC6207ST Datasheet(PDF) 8 Page - CrossChip Microsystems Inc.

No. de pieza CC6207ST
Descripción Electrónicos  Omnipolar low-power Hall effect switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CROSSCHIP [CrossChip Microsystems Inc.]
Página de inicio  https://www.crosschipmicro.com/
Logo CROSSCHIP - CrossChip Microsystems Inc.

CC6207ST Datasheet(HTML) 8 Page - CrossChip Microsystems Inc.

Back Button CC6207ST Datasheet HTML 4Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 5Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 6Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 7Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 8Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 9Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 10Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 11Page - CrossChip Microsystems Inc. CC6207ST Datasheet HTML 12Page - CrossChip Microsystems Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
crossMAG series
DS-CC6207-SC-rev1.4
Copy Right Reserved by CrossChip Microsystems Inc. 2019
http://www.crosschipmicro.com
编带与包装信息
SOT23-3 载带
P0
P2
ΦD0
ΦD1
5°
K0
t
P1
A0
A1
6207
符号
毫米
最小值
典型值
最大值
W
7.90
8.00
8.10
E
1.65
1.75
1.85
F
3.40
3.50
3.60
D0
1.40
1.50
1.60
D1
0.90
1.00
1.10
P0
3.90
4.00
4.10
P1
3.90
4.00
4.10
P2
1.95
2.00
2.05
t
0.20
0.25
0.30
A0
3.15
3.20
3.25
A1
0.85
0.95
1.05
B0
3.20
3.25
3.30
K0
1.27
1.32
1.37
10*P0
39.80
40.00
40.20
注意: 每盘载带前空50±2格,后空105±2格。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com