Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP55N10P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

No. de pieza AP55N10P
Descripción Electrónicos  100V N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP55N10P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP55N10P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 7Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 8Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP55N10FIPIT
100V N-Channel Enhancement Mode MOSFET
AP55N10F/P/T REV1.0
永源微电子科技有限公司
Electrical Characteristics (TC=25℃unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown Voltage
ID = 250uA, VGS = 0V
100
V
IDSS
Zero Gate Voltage Drain Current
VDS=100V, VGS = 0V
1.0
uA
IGSS
Gate-Body Leakage Current
VDS=0V, VGS=±20V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1.2
1.8
2.5
V
RDS(ON)
Static Drain-Source ON-Resistance
VGS=10V, ID=10A
12
16
mΩ
VGS=4.5V, ID=6A
22
27
mΩ
gFS
Forward Transconductance
VDS=5V, ID=20A
48
S
Ciss
Input Capacitance
VGS=0V, VDS=50V,
f=1MHz
769
pF
Coss
Output Capacitance
171
pF
Crss
Reverse Transfer Capacitance
1.9
pF
Rg
Gate Resistance
VGS=0V, VDS=0V, f=1MHz
2.0
Ω
Qg
Total Gate Charge (@ VGS = 10V)
VGS=0 to 10V
VDS=50V, ID=10A
12.7
nC
Qg
Total Gate Charge (@ VGS = 6.0V)
6.7
nC
Qgs
Gate Source Charge
2.1
nC
Qgd
Gate Drain Charge
3.3
nC
tD(on)
Turn-On DelayTime
VGS=10V, VDS=50V
RL=2.5Ω, RGEN=6Ω
4.3
ns
tr
Turn-On Rise Time
5.1
ns
tD(off)
Turn-Off DelayTime
16.7
ns
tf
Turn-Off Fall Time
8.7
ns
trr
Body Diode Reverse Recovery Time
IF=20A, dIF/dt = 100A/us
39
ns
Qrr
Body Diode Reverse Recovery Charge
IF=20A, dIF/dt = 100A/us
30
nC
IS
Diode Continuous Current
TC = 25°C
50
A
VSD
Diode Forward Voltage
IS = 1A, VGS = 0V
0.7
1.0
V
Notes:
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≤ 300us , duty cycle ≤ 2%
3、The EAS data shows Max. rating . The test condition is VDD=50V, VGS=10V, L=0.1mH, IAS=22A
4、The power dissipation is limited by 150°C junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com