Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP55N10P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

No. de pieza AP55N10P
Descripción Electrónicos  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APME [A POWER MICROELECTRONICS]
Página de inicio  
Logo APME - A POWER MICROELECTRONICS

AP55N10P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  AP55N10P Datasheet HTML 1Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 2Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 3Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 4Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 5Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 6Page - A POWER MICROELECTRONICS AP55N10P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP55N10PIT
N-Channel Enhancement Mode MOSFET
AP55N10P/T Rev1.0
臺灣永源微電子科技有限公司
Electrical Characteristics at Tj=25 ℃ unless otherwise specified
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
BVDSS
Drain-source breakdown voltage
VGS=0 V, ID=250 μA
100
V
VGS(th)
Gate threshold voltage
VDS=VGS, ID=250 μA
1.4
2.5
V
RDS(ON)
Drain-source on-state resistance
VGS=10 V, ID=10 A
15
21
mΩ
RDS(ON)
Drain-source on-state resistance
VGS=4.5 V, ID=7 A
20
26
mΩ
IGSS
Gate-source leakage current
VGS=20 V
100
nA
VGS=-20 V
-100
IDSS
Drain-source leakage current
VDS=100 V, VGS=0 V
1
uA
Ciss
Input capacitance
VGS=0 V, VDS=50 V,
ƒ=100 kHz
1003.9
pF
Coss
Output capacitance
185.4
pF
Crss
Reverse transfer capacitance
9.8
pF
td(on)
Turn-on delay time
VGS=10 V,
VDS=50 V,
RG=10 Ω,
ID=5 A
16.6
ns
tr
Rise time
3.8
ns
td(off)
Turn-off delay time
75.5
ns
tf
Fall time
46
ns
Qg
Total gate charge
ID=5 A,
VDS=50 V,
VGS=10 V
16.2
nC
Qgs
Gate-source charge
2.8
nC
Qgd
Gate-drain charge
4.1
nC
Vplateau
Gate plateau voltage
3
V
IS
Diode forward current
VGS<Vth
16
A
ISP
Pulsed source current
48
VSD
Diode forward voltage
IS=1234 A, VGS=0 V
1.3
V
trr
Reverse recovery time
IS=5 A, di/dt=100
A/μs
49
ns
Qrr
Reverse recovery charge
61.8
nC
Irrm
Peak reverse recovery current
2.4
A
1
)
Calculated continuous current based on maximum allowable junction temperature.
2
)
Repetitive rating; pulse width limited by max. junction temperature.
3
)
Pd is based on max. junction temperature, using junction-case thermal resistance.
4
) The value of RθJA is measured with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air
environment with Ta=25 °C.
5
)
VDD=50 V, RG=50 Ω, L=0.3 mH, starting Tj=25 °C.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com