Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0700461908388 Datasheet(PDF) 21 Page - Pycom

No. de pieza 0700461908388
Descripción Electrónicos  The tiny MicroPython enabled Wifi & Bluetooth IoT development platform
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PYCOM [Pycom]
Página de inicio  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908388 Datasheet(HTML) 21 Page - Pycom

Back Button 0700461908388 Datasheet HTML 16Page - Pycom 0700461908388 Datasheet HTML 17Page - Pycom 0700461908388 Datasheet HTML 18Page - Pycom 0700461908388 Datasheet HTML 19Page - Pycom 0700461908388 Datasheet HTML 20Page - Pycom 0700461908388 Datasheet HTML 21Page - Pycom 0700461908388 Datasheet HTML 22Page - Pycom 0700461908388 Datasheet HTML 23Page - Pycom 0700461908388 Datasheet HTML 24Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
The above profile is based on Alpha CVP–390 solder paste, which has been successfully tested with our devices.
Table 17 – Soldering profile temperatures
Stage
Duration/Rate
Temperature
Ramp to soak
2°C/s
Ambient – 185°C
Soak
60s
185°C
Ramp to peak
1°C/s
240°C
Reflow
45s
>225°C
Cool down
2°C/s
18.0 Soldering Profile
18.1
With headers
This device is not recommended for reflow soldering.
The plastic of the pin headers will melt, instead please
hand solder the module or use sockets.
18.2
Without headers
Figure 9 – Reflow soldering temperature profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com