Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OLED-128F32A-RNP3T10000 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza OLED-128F32A-RNP3T10000
Descripción Electrónicos  128 x 32 Graphic OLED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-128F32A-RNP3T10000 Datasheet(HTML) 2 Page - Vishay Siliconix

  OLED-128F32A-RNP3T10000 Datasheet HTML 1Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 2Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 3Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 4Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 5Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 6Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 7Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 8Page - Vishay Siliconix OLED-128F32A-RNP3T10000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OLED-128O032A-LPP3N00000
www.vishay.com
Vishay
Revision: 15-Aug-17
2
Document Number: 37891
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
FUNCTION
1
NC (GND)
No connection
2VLSS
This is an analog ground pin. It should be connected to VSS externally
3VSS
Ground
4NC
No connection
5VDD
Power supply pin for core logic operation
6BS1
Communicating protocol select. These pins are MCU interface selection input. See the following table:
68XX-parallel
80XX-parallel
Serial
I2C
7BS2
BS1
0101
BS2
1100
8
CS#
This pin is the chip select input (active “low”)
9RES#
This pin is reset signal input. When the pin is “low”, initialization of the chip is executed. Keep this pin “high” (i.e.
connect to VDDI/O) during normal operation
10
D / C#
This is data / command control pin. When it is pulled “high” (i.e. connect to VDDI/O), the data at D (7 : 0) is treated
as data. When it is pulled “low”, the data at D (7 : 0) will be transferred to the command register. In I2C mode, this
pin acts as SA0 for slave address selection
11
R / W#
This is read / write control input pin connecting to the MCU interface. When interfacing to a 6800-series
microprocessor, this pin will be used as read / write (R / W#) selection input. Read mode will be carried out when
this pin is pulled “high” (i.e. connect to VDDI/O) and write mode when “low”. When 8080 interface mode is selected,
this pin will be the write (WR#) input. Data write operation is initiated when this pin is pulled “low” and the chip is
selected. When serial interface is selected, this pin must be connected to VSS
12
E / RD#
When interfacing to a 6800-series microprocessor, this pin will be used as the enable (E) signal. Read / write
operation is initiated when this pin is pulled “high” (i.e. connect to VDDI/O) and the chip is selected. When
connecting to an 8080-microprocessor, this pin receives the read (RD#) signal. Read operation is initiated when
this pin is pulled “low” and the chip is selected. When serial interface is selected, this pin must be connected to VSS
13
D0
These are 8-bit bi-directional data bus to be connected to the microprocessor’s data bus. When serial interface
mode is selected, D0 will be the serial clock input: SCLK; D1 will be the serial data input: SDIN and D2 should be
left opened. When I2C mode is selected, D2, D1 should be tied together and serve as SDAout, SDAin in application
and D0 is the serial clock input, SCL
14
D1
15
D2
16
D3
17
D4
18
D5
19
D6
20
D7
21
IREF
This is segment output current reference pin. A resistor should be connected between this pin and VSS to maintain
the IREF current at 10 μA
22
VCOMH
The pin for COM signal deselected voltage level. A capacitor should be connected between this pin and VSS
23
VCC
Power supply for panel driving voltage. This is also the most positive power voltage supply pin
24
NC (GND)
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com