Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MBA0204 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza MBA0204
Descripción Electrónicos  Professional leaded resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MBA0204 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MBA0204 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 11Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 12Page - List of Unclassifed Manufacturers MBA0204 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2002 Oct 07
9
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
Continuous pulses
100
µs
1 ms
10 ms
1
1 s
10 s
0,1
W
10
µs
100 ms
100
10
Pulse Duration
t
i
MBA 0204
MBB 0207
MBE 0414
Fig.5
Maximum pulse load, continuous pulses; for permissible resistance change
equivalent to 8000 h operation.
Pulse voltage
100 µs
1 ms
10 ms
1 s
10 s
1 kV
100 V
10 µs
100 ms
Pulse Duration ti
Fig.6
Maximum pulse voltage, single and continuous pulses; for permissible resistance change
equivalent to 8000 h operation.
MBA 0204
MBB 0207
MBE 0414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com