| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KL37FDZ Datasheet(PDF) 6 Page - APEM |
|
|
|||||||||||||||||||||||||||||
KL37FDZ Datasheet(HTML) 6 Page - APEM |
|
6 / 16 page ![]() KL series Locking power rocker switches TERMINALS (CONTINUED) BASIC P/N CASE + LEDS ACTUATOR NORMALIZED QUICK-CONNECT 6.35X0.8 3 6 terminals with barrier 5 6 terminals w/o barrier D 10 terminals with barrier E 10 terminals w/o barrier F 10 terminals for use with connector U2292 or U3152 NORMALIZED QUICK-CONNECT 2.8X0.8 G 10 terminals with barrier H 10 terminals w/o barrier J 10 terminals for use with connector U2282 Normalized quick-connect 6.35x0.8 Normalized quick-connect 2.8x0.8 2.80x0.80 (.110x.031) (.047DIA) Ø1.20 CONTACT MATERIALS BASIC P/N CASE + LEDS ACTUATOR 6 TERMINAL VERSION 10 TERMINAL VERSION (.269) 6.85 11.30 (.445) 5.85 (.230) (.280) 7.10 ECHELLE: 0.625 le 18/03/08 FICHIER: CKLCO-P5 indice A CKLCO-A Terminals are marked on the case. The drawings show the maximum possible number of terminals. (.269) 6.85 11.30 (.445) 5.85 (.230) (.280) 7.10 ECHELLE: 0.625 le 18/03/08 FICHIER: CKLCO-P5 indice A CKLCO-A A Silver D Silver, gold plated S Silver 20A. For all functions except 4 and 4-1R - for normalized quick-connect terminals 6.35x0.8 only. 6 |