| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2DM438 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
2DM438 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
|
4 / 13 page ![]() 4 sensing.honeywell.com APPLIANCE DOOR LIGHTS Used in turning lights “on” in refrigerators and freezers when the door is opened DOOR INTERLOCKS Found as a door interlock on residential HVAC equipment and service panels to interrupt power when door access panels are opened INDICATOR CIRCUITS Often used for general purposes to turn lights “on” or “off” when doors and/or panels are opened Potential Applications |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |