| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
9FGL0841DKILF Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9FGL0841DKILF Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 37 page ![]() R31DS0112EU0107 Rev.1.07 Page 21 Dec 13, 2024 9FGL02x1/04x1/06x1/08x1D Datasheet 7. General SMBus Serial Interface Information 7.1 How to Write ▪ Controller (host) sends a start bit ▪ Controller (host) sends the write address ▪ Renesas clock will acknowledge ▪ Controller (host) sends the beginning byte location = N ▪ Renesas clock will acknowledge ▪ Controller (host) sends the byte count = X ▪ Renesas clock will acknowledge ▪ Controller (host) starts sending Byte N through Byte N+X-1 ▪ Renesas clock will acknowledge each byte one at a time ▪ Controller (host) sends a stop bit Note: Address is latched on SADR pin. 7.2 How to Read ▪ Controller (host) will send a start bit ▪ Controller (host) sends the write address ▪ Renesas clock will acknowledge ▪ Controller (host) sends the beginning byte location = N ▪ Renesas clock will acknowledge ▪ Controller (host) will send a separate start bit ▪ Controller (host) sends the read address ▪ Renesas clock will acknowledge ▪ Renesas clock will send the data byte count = X ▪ Renesas clock sends Byte N+X-1 ▪ Renesas clock sends Byte 0 through Byte X (if X(H) was written to Byte 8) ▪ Controller (host) will need to acknowledge each byte ▪ Controller (host) will send a not acknowledge bit ▪ Controller (host) will send a stop bit Index Block Write Operation Controller (Host) Renesas (Slave/Receiver) T starT bit Slave Address WR WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 ACK P stoP bit Index Block Read Operation Controller (Host) Renesas T starT bit Slave Address WR WRite ACK Beginning Byte = N ACK RT Repeat starT Slave Address RD ReaD ACK Data Byte Count=X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 N Not acknowledge P stoP bit |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |