Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMS320C2811 Datasheet(PDF) 13 Page - Texas Instruments

No. de pieza TMS320C2811
Descripción Electrónicos  Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 9Page - Texas Instruments TMS320C2811 Datasheet HTML 10Page - Texas Instruments TMS320C2811 Datasheet HTML 11Page - Texas Instruments TMS320C2811 Datasheet HTML 12Page - Texas Instruments TMS320C2811 Datasheet HTML 13Page - Texas Instruments TMS320C2811 Datasheet HTML 14Page - Texas Instruments TMS320C2811 Datasheet HTML 15Page - Texas Instruments TMS320C2811 Datasheet HTML 16Page - Texas Instruments TMS320C2811 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
Introduction
13
April 2001 − Revised July 2007
SPRS174O
2.2
Device Summary
Table 2−1 provides a summary of each device’s features.
Table 2−1. Hardware Features†
FEATURE
F2810
F2811
F2812
C2810
C2811
C2812
Instruction Cycle (at 150 MHz)
6.67 ns
6.67 ns
6.67 ns
6.67 ns
6.67 ns
6.67 ns
Single-Access RAM (SARAM)
(16-bit word)
18K
18K
18K
18K
18K
18K
3.3-V On-Chip Flash (16-bit word)
64K
128K
128K
—
—
—
On-Chip ROM (16-bit word)
—
—
—
64K
128K
128K
Code Security for
On-Chip Flash/SARAM/OTP/ROM
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM
Yes
Yes
Yes
Yes
Yes
Yes
OTP ROM (1K X 16)
Yes
Yes
Yes
Yes‡
Yes‡
Yes‡
External Memory Interface
—
—
Yes
—
—
Yes
Event Managers A and B
(EVA and EVB)
EVA, EVB
EVA, EVB
EVA, EVB
EVA, EVB
EVA, EVB
EVA, EVB
S General-Purpose (GP) Timers
4
4
4
4
4
4
S Compare (CMP)/PWM
16
16
16
16
16
16
S Capture (CAP)/QEP Channels
6/2
6/2
6/2
6/2
6/2
6/2
Watchdog Timer
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit ADC
Yes
Yes
Yes
Yes
Yes
Yes
S Channels
16
16
16
16
16
16
32-Bit CPU Timers
3
3
3
3
3
3
SPI
Yes
Yes
Yes
Yes
Yes
Yes
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
CAN
Yes
Yes
Yes
Yes
Yes
Yes
McBSP
Yes
Yes
Yes
Yes
Yes
Yes
Digital I/O Pins (Shared)
56
56
56
56
56
56
External Interrupts
3
3
3
3
3
3
Supply Voltage
1.8-V Core, (135 MHz) 1.9-V Core (150 MHz), 3.3-V I/O
Packaging
128-pin PBK
128-pin PBK
179-ball GHH
and ZHH
176-pin PGF
128-pin PBK
128-pin PBK
179-ball GHH
and ZHH
176-pin PGF
A: −40
°C to
85
°C
Yes
Yes
Yes
Yes
Yes
Yes
Temperature Options
S: −40
°C to
125
°C
Yes
Yes
Yes
Yes
Yes
Yes
Q: −40
°C to
125
°C
Yes
Yes
PGF only
Yes
Yes
PGF only
Product Status§
TMS
TMS
TMS
TMS
TMS
TMS
† The TMS320F2810, TMS320F2811, TMS320F2812, TMS320C2810, TMS320C2811, TMS320C2812 Digital Signal Processors Silicon Errata
(literature number SPRZ193) has been posted on the Texas Instruments (TI) website. It will be updated as needed.
‡ On C281x devices, OTP is replaced by a 1K X 16 block of ROM.
§ See Section 5.1, Device and Development Support Nomenclature for descriptions of device stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com