| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZFG Datasheet(PDF) 188 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 188 Page - Texas Instruments |
|
188 / 218 page ![]() 8 Applications, Implementation, and Layout Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 8.1 Device Connection and Layout Fundamentals 8.1.1 External Oscillator For more information about External Oscillators, see the Input Clocks/Oscillators section. 8.1.2 JTAG, EMU, and TRACE Texas Instruments supports a variety of eXtended Development System (XDS) JTAG controllers with various debug capabilities beyond only JTAG support. A summary of this information is available in the XDS Target Connection Guide. For recommendations on JTAG, EMU, and TRACE routing, see the Emulation and Trace Headers Technical Reference Manual 8.1.3 Hardware Reference Design and Guidelines For details regarding creating PCB systems based on the AM261x family of MCU devices, please see AM26x Hardware Design Guidelines. In addition, please see the AM26x Custom PCB System Getting Started Guide. 8.1.4 USB 2.0 Operation AM261x devices are not compatible with the standard DFU-utility and require a custom TI version of the DFU-Utility provided in the AM261x MCU+ SDK. For more information and installation instructions, please see the dfu-util section of the AM261x MCU+ SDK. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 188 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |