| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZFG Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] B14 A16 D13 B15 GPIO130 GPIO130_CFG_REG 0x5310 0208 0x0000 05F7 SPI2_D0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO18 1 IO UART4_RTSn 2 O PR1_IEP0_EDC_SYNC_OUT0 3 O I2C1_SDA 4 IO MCAN1_RX 5 I GPMC0_OEn_REn 6 O GPIO130 7 IO EQEP0_A 8 I SDFM1_CLK0 9 I A14 B16 C13 A15 GPIO131 GPIO131_CFG_REG 0x5310 020C 0x0000 05F7 SPI2_CS0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO19 1 IO UART4_CTSn 2 I PR1_IEP0_EDIO_DATA_IN_OUT31 3 IO I2C1_SCL 4 IO MCAN1_TX 5 O GPMC0_CSn0 6 O GPIO131 7 IO EQEP0_B 8 I SDFM1_D0 9 I C12 C14 C12 A14 GPIO132 GPIO132_CFG_REG 0x5310 0210 0x0000 05F7 I2C2_SDA 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU0_GPIO20 1 IO UART4_TXD 2 O PR1_IEP0_EDIO_DATA_IN_OUT30 3 IO GPMC0_A15 6 O GPIO132 7 IO EQEP0_STROBE 8 IO SDFM1_CLK1 9 I ADC_EXTCH_XBAROUT2 10 O D11 D15 B13 B14 GPIO133 GPIO133_CFG_REG 0x5310 0214 0x0000 05F7 I2C2_SCL 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO7 1 IO UART4_RXD 2 I GPMC0_AD7 6 IO GPIO133 7 IO EQEP0_INDEX 8 IO SDFM1_D1 9 I ADC_EXTCH_XBAROUT3 10 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 32 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |